Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMC4S050 Fiches technique(PDF) 8 Page - Thinking Electronic Industrial Co.,Ltd

No de pièce KMC4S050
Description  Polymer PTC Resettable Fuse
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINKING [Thinking Electronic Industrial Co.,Ltd]
Site Internet  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KMC4S050 Fiches technique(HTML) 8 Page - Thinking Electronic Industrial Co.,Ltd

Back Button KMC4S050 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KMC4S050 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd KMC4S050 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd KMC4S050 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd KMC4S050 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd KMC4S050 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd KMC4S050 Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd KMC4S050 Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd KMC4S050 Datasheet HTML 12Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Polymer PTC Resettable Fuse:
:KMC Series
SMD Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
8
www.thinking.com.tw
2009.12
All specifications are subject to change without notice.
Thermal Derating Chart –Ihold / Itrip (Amps)
Ambient Operation Temperature
Model
-40℃
-20℃
0℃
23℃
40℃
50℃
60℃
70℃
85℃
KMC3S005
0.0725
0.063
0.057
0.05
0.043
0.038
0.035
0.03
0.026
KMC3S010
0.145
0.33
0.115
0.10
0.085
0.075
0.07
0.06
0.055
KMC3S012
0.20
0.17
0.15
0.12
0.11
0.10
0.09
0.08
0.07
KMC3S016
0.21
0.20
0.18
0.16
0.14
0.13
0.12
0.11
0.09
KMC3S020
0.34
0.30
0.26
0.20
0.17
0.15
0.13
0.11
0.08
KMC3S025
0.37
0.33
0.29
0.25
0.22
0.20
0.17
0.15
0.12
KMC3S035
0.50
0.45
0.40
0.35
0.30
0.27
0.24
0.21
0.15
KMC3S050
0.71
0.64
0.57
0.50
0.42
0.39
0.35
0.31
0.25
KMC3S050-15
0.71
0.64
0.57
0.50
0.42
0.39
0.35
0.31
0.25
KMC3S075
1.14
1.01
0.88
0.75
0.65
0.59
0.54
0.49
0.41
KMC3S100
1.45
1.31
1.15
1.00
0.84
0.77
0.69
0.61
0.48
KMC3S110
1.64
1.46
1.30
1.06
0.92
0.83
0.80
0.65
0.52
KMC3S150
2.18
1.94
1.72
1.50
1.28
1.17
1.06
0.96
0.77
KMC3S200
3.56
3.08
2.60
2.00
1.79
1.64
1.50
1.36
1.14
1206 Series
Temperature (℃)


Numéro de pièce similaire - KMC4S050

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
KMC-21 ETC2-KMC-21 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KMC-45 ETC2-KMC-45 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KMC05 ETC2-KMC05 Datasheet
143Kb / 2P
   Magnetic Field Sensors Current Sensor
logo
United Chemi-Con, Inc.
KMC101E104M31N0T00 CHEMI-CON-KMC101E104M31N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC101E105M43N0T00 CHEMI-CON-KMC101E105M43N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Description similaire - KMC4S050

FabricantNo de pièceFiches techniqueDescription
logo
Thinking Electronic Ind...
KSM0150120 THINKING-KSM0150120 Datasheet
194Kb / 4P
   Polymer PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
   Resettable Fuse PTC
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
   Resettable Fuse PTC
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
   Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
   Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
   Resettable Fuse PTC
logo
Bourns Electronic Solut...
MF-LL190 BOURNS-MF-LL190 Datasheet
235Kb / 2P
   PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
JK60005 HUAXINAN-JK60005 Datasheet
304Kb / 2P
   Resettable Fuse PTC
SMD2920 HUAXINAN-SMD2920 Datasheet
311Kb / 2P
   Resettable Fuse PTC
JK6075 HUAXINAN-JK6075 Datasheet
284Kb / 2P
   Resettable Fuse PTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com