Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCF3A203540B2 Fiches technique(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

No de pièce TCF3A203540B2
Description  Lead Frame for Temperature Sensing/Compensation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINKING [Thinking Electronic Industrial Co.,Ltd]
Site Internet  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TCF3A203540B2 Fiches technique(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  TCF3A203540B2 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TCF3A203540B2 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TCF3A203540B2 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TCF3A203540B2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TCF3A203540B2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTC Thermistor:
:TCF Type
Lead Frame for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2008.03
Electrical Characteristics
Zero Power
Resistance
at 25°C
Tolerance
of
R25
B25/85
Value
Tolerance
of
B value
Max.
Power
Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Safety
Approvals
Part No.
R25 (K )
( ±%)
(K)
(±%)
Pmax(mW)
δ(mW/°C)
τ(Sec.)
TL~TU(°C)
UL
cUL
TCF3A202□318*
2
3180
TCF3A502□33C*
5
3325
TCF3A103□34D*
10
3435
TCF3A123□347*
12
3470
TCF3A203□40B*
20
4015
TCF3A303□409*
30
4090
TCF3A333□409*
33
4090
TCF3A473□409*
47
4090
TCF3A503□406*
50
4060
TCF3A104□419*
100
1、2、3、
5、10
4190
1、2、3
150
Approx.
2
Approx.
12
-40~+100
Note 1: □ = Tolerance of R25 ,
* = Tolerance of B value
Note 2: UL/
cUL File No E138827
Power Derating Curve
100
0
25
TU
0
TL
Ambient temperature (
)
TU:Maximum operating temperature (℃)
TL:Minimum operating temperature (℃)
For example:Ambient temperature(Ta)=55℃
Maximum operating temperature(TU)=100℃
PTa=(TU-Ta)/(TU-25)×Pmax=60% Pmax


Numéro de pièce similaire - TCF3A203540B2

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
TCF30 COOPER-TCF30 Datasheet
269Kb / 2P
   Low-Peak CUBEFuse With and Without Indication
logo
Eaton All Rights Reserv...
TCF30 EATON-TCF30 Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
TCF300 EATON-TCF300 Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
TCF300RN EATON-TCF300RN Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
logo
Cooper Bussmann, Inc.
TCF30RN COOPER-TCF30RN Datasheet
269Kb / 2P
   Low-Peak CUBEFuse With and Without Indication
More results

Description similaire - TCF3A203540B2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
logo
Thinking Electronic Ind...
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
logo
EPCOS
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
Thinking Electronic Ind...
TTC050055 THINKING-TTC050055 Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com