Moteur de recherche de fiches techniques de composants électroniques |
|
SPI4015-100MZF-55 Fiches technique(PDF) 4 Page - Superworld Electronics |
|
SPI4015-100MZF-55 Fiches technique(HTML) 4 Page - Superworld Electronics |
4 / 5 page SUPERWORLD ELECTRONICS (S) PTE LTD PG. 4 6. RELIABILITY & TEST CONDITION : Temperature characteristics Dielectric withstand voltage ITEM The sample shall be left for 96±4 hours in an atmosphere the sample has been left in a normal temperature and with a temperature of -25±3°C. Upon completion of the test, the measurement shall be normal humidity for 1 hour. Upon completion of the measurement shall be made after The sample shall be left for 96±4 hours in an atmosphere with a temperature of 85±2°C and a normal humidity. temperature and normal humidity shall be L/L20°C<±10%. calculated based on the value applicable in a normal 0~2000 ppm/°C L/L20°C<±10% The test shall be performed after the sample has stabilized in an ambient temperature of -20 to +85°C,and the value PERFORMANCE TEST CONDITION AC 100V voltage shall be applied for 1 minute across the top surface and the terminal of this sample High temperature storage Electrical Characteristics Test made after the sample has been left in a normal temperature There shall be no damage or problems. There shall be no mechanical damage. There shall be no mechanical damage. and normal humidity for 1 hour. Change of temperature Moisture storage There shall be no other damage of problems There shall be no mechanical damage. The sample shall be subject to 5 continuous cycles, such as shown in the table 2 below and then it shall be subjected to standard atmospheric conditions for 1 hour, after which measurement shall be made. Duration 85±2°C 4 2 3 1 (Thermostat No.1) 5 sec. or less -25±3°C Temperature 30 min. No.1 No.2 5 sec. or less No.2 No.1 30 min. (Thermostat No.2) Standard atmospheric Standard atmospheric The sample shall be left for 96±4 hours in a temperature of 40±2°C and a humidity(RH) of 90~95%. Upon completion of the test, the measurement shall be made after the sample has been left in a normal temperature and normal humidity more than 1 hour. L/Lo<±10% 23.09.2010 L/Lo<±10% Low temperature storage L/Lo<±10% L/Lo<±10% NOTE : Specifications subject to change without notice. Please check our website for latest information. SMD POWER INDUCTORS SPI4015 SERIES |
Numéro de pièce similaire - SPI4015-100MZF-55 |
|
Description similaire - SPI4015-100MZF-55 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |