Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LT1085220M05 Fiches technique(PDF) 1 Page - Seme LAB

No de pièce LT1085220M05
Description  LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LT1085220M05 Fiches technique(HTML) 1 Page - Seme LAB

  LT1085220M05 Datasheet HTML 1Page - Seme LAB LT1085220M05 Datasheet HTML 2Page - Seme LAB LT1085220M05 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Prelim. 10/95
LT1085–220M–05
LT1085–05–220M
LT1085–12–220M
MILITARY VERSION
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dia.
2.65
2.75
0.89
1.14
0.70
0.90
4.70
5.00
10.41
10.67
3.56
3.81
2.54
BSC
12 3
TO–220 Isolated Metal Package
Pin
Fixed
Adjustable
1
GROUND
ADJUST
2
OUTPUT
OUTPUT
3
INPUT
INPUT
Case is ISOLATED
LT1085–220M
Positive Adjustable Regulator
LT1085–05–220M
Fixed +5V Regulator
LT1085–12–220M
Fixed +12V Regulator
Pinouts
Ordering Information
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
LOW DROPOUT
3 AMP POSITIVE
VOLTAGE REGULATOR
VIN
Input Voltage
5V, 12V
VI-O
Input–Output Differential Voltage
Adjustable
PD
Power Dissipation
VIN
Operating Input Voltage
Adjustable
5 Volt
12 Volt
TJ
Operating Junction Temperature Range
Control
Power
TSTG
Storage Temperature Range
TLEAD
Lead Temperature (for 10 sec.)
30V
35V
Internally limited
25V
20V
25V
–55 to 150°C
–55 to 200°C
–65 to 150°C
300°C
FEATURES
• Low Dropout Performance
• Fixed or Adjustable Voltages
• Fixed Output Voltages of 5V & 12V
• Output Current 3A
• Line Regulation 0.015% / V Typical.
• Load Regulation 0.1% Typical.
• Military Temperature Range (–55 to +150°C)
IN
V
THERMAL
LIMIT
ADJ
V
OUT
V
* Although the devices’ maximum operating voltage is limited (20V for the 5V device, and 25V for the 12V and adjustable devices) the devices are
guaranteed to withstand transient input voltages up to 30V. For input voltages greater than the maximum operating input voltage, some degradation of
specifications will occur. For 5V and 12V devices operating at input-output voltage differentials >15V, a minimum external load of 5mA is required to
maintain regulation.
BLOCK DIAGRAM


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
OM7671ST 1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR 1  2  3  List of Unclassifed Manufacturers
PJ1085 3 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers
TS1082 10 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
IP1R07A 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR 1  2  3  Seme LAB
TS1083 7.5 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
EZ1585D 6.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1  2  3  4  Semtech Corporation
PJ1082 10 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers
PJ1117 1 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers
LT1086220M05 LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR 1  2  3  Seme LAB
PJ1084 5 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn