Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM140SMD-15 Fiches technique(PDF) 5 Page - Seme LAB

No de pièce LM140SMD-15
Description  1 AMP POSITIVE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM140SMD-15 Fiches technique(HTML) 5 Page - Seme LAB

  LM140SMD-15 Datasheet HTML 1Page - Seme LAB LM140SMD-15 Datasheet HTML 2Page - Seme LAB LM140SMD-15 Datasheet HTML 3Page - Seme LAB LM140SMD-15 Datasheet HTML 4Page - Seme LAB LM140SMD-15 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IP140A SERIES
IP140
SERIES
IP7800A SERIES
IP7800
SERIES
LM140
SERIES
Prelim.5/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
GN D
VIN
VOUT
C1 *
0. 22
µF
C2 * *
IN PU T
OU T PUT
GN D
VIN
VOUT
C1
0. 22
µF
IN PU T
OU T PUT
R1
R2
R1
GN D
VIN
VOUT
C1 *
0. 22
µF
IN PU T
OU T P U T
IOUT
Fixed Output Regulator
*
Required if the regulator is located far from
the power supply.
** Although no output capacitor is needed for
stability, it does help transient response.(If
needed, use 0.1
mF ceramic disc)
Current Regulator
Adjustable Output Regulator
APPLICATIONS INFORMATION
Part
K–Pack
R–Pack
G/IG–Pack
SMD 1
Temp.
Number
(TO–3)
(TO–66)
(TO–257)
Range
IP7800A
✔✔✔✔
-55 to +150°C
IP7800
✔✔✔✔
IP140A
✔✔✔✔
IP140
✔✔✔✔
LM140
✔✔✔✔
Note:
To order, add the package identifier
to the part number.
eg.
IP7805AK
IP140SMD-12
Order Information


Numéro de pièce similaire - LM140SMD-15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
28Kb / 7P
   VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
LM140 NSC-LM140 Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM140 SEMTECH_ELEC-LM140 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
More results

Description similaire - LM140SMD-15

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A_07 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP7805SMD SEME-LAB-IP7805SMD Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP140A SEME-LAB-IP140A_07 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1117 ETC1-PJ1117 Datasheet
294Kb / 6P
   1 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
   10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084 SEMTECH-EZ1084 Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com