Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL1117A Fiches technique(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SL1117A
Description  Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SL1117A Fiches technique(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SL1117A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SL1117A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SL1117A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SL1117A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
SL1117A
1A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
26-May-2011 Rev. B
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min.
Typ.
Max
Unit
Reference Voltage
SL1117A-ADJ
Io=10mA, TJ=25°C, (VIN - VOUT )=1.5V
1.225
1.25
1.275
V
SL1117A-1.5
Io=10mA, TJ=25°C, 3.0V≦VIN≦12V
1.47
1.5
1.53
V
SL1117A-1.8
Io=10mA, TJ=25°C, 3.3V≦VIN≦12V
1.764
1.8
1.836
V
SL1117A-2.5
Io=10mA, TJ=25°C, 4.0V≦VIN≦12V
2.45
2.5
2.55
V
SL1117A-3.3
Io=10mA, TJ=25°C, 4.8V≦VIN≦12V
3.235
3.3
3.365
V
Output Voltage
SL1117A-5.0
Io=10mA, TJ=25°C, 6.5V≦VIN≦12V
4.9
5
5.1
V
Line Regulation
SL1117A-XXX
Io=10mA, Vout+1.5V<VIN<12V, TJ=25°C
-
-
0.2
%
SL1117A-ADJ
1,2 VIN=3.3V, Vadj=0, 10mA< Io <1A, TJ=25°C
-
-
1
%
SL1117A-1.5
1,2
VIN=3.0V, 0mA<Io<1A, TJ=25°C
-
12
15
mV
SL1117A-1.8
1,2
VIN=3.3V, 0mA<Io<1A, TJ=25°C
-
15
18
mV
SL1117A-2.5
1,2
VIN=4.0V, 0mA<Io<1A, TJ=25°C
-
20
25
mV
SL1117A-3.3
1,2
VIN=5.0V, 0mA<Io<1A, TJ=25°C
-
26
33
mV
Load Regulation
SL1117A-5.0
1,2
VIN=8.0V, 0mA<Io <1A, TJ=25°C
-
40
50
mV
Dropout Voltage
(VIN-VOUT)
SL1117A-XXX
Io=1A, (ΔVout=0.1% Vout)
-
1.3
1.4
V
Current Limit
SL1117A-XXX
VIN – VOUT =5V
1.1
-
-
A
Minimum Load Current Adjustable model
VIN=5V
-
5
10
mA
Adjust Pin Current
Adjustable model
VIN=12V, Io=10mA
-
50
100
μA
Quiescent Current
fixed model
VIN=12V, Io=0mA
-
-
12
mA
Thermal Regulation
TA=25°C, 30ms pulse
-
0.008
0.04
%W
F=120Hz, COUT=25μF Tantalum, IOUT=1A
Ripple Rejection
SL1117AXXX
VIN=VOUT+3V
-
60
70
dB
Temperature Stability
Io=10mA
-
0.5
-
%
θJA Thermal Resistance
Junction-to-Ambient
(No heat sink ;No air flow)
-
117
-
°C/W
θJC Thermal Resistance
Junction-to-Case
Control Circuitry/Power Transistor
-
15
-
°C/W
Note:
1. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at
a constant junction Temperature by low duty cycle pulse testing. Load regulation is measured at the output lead =1/18”. from the
package.
2. Line and load regulation are guaranteed up to the maximum power dissipation of 3W. Power dissipation is determined by the
difference in input and output and the output current. Guaranteed maximum power dissipation will not be available over the full
input/output range.


Numéro de pièce similaire - SL1117A

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SL1117A SECOS-SL1117A Datasheet
595Kb / 4P
   Adjustable or Fixed-Mode Regulator
More results

Description similaire - SL1117A

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SM1117A SECOS-SM1117A Datasheet
569Kb / 4P
   Adjustable or Fixed-Mode Regulator
SE1086 SECOS-SE1086 Datasheet
564Kb / 4P
   Adjustable or Fixed-Mode Regulator
SL1117A SECOS-SL1117A Datasheet
595Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1084 SECOS-SJ1084 Datasheet
604Kb / 4P
   Adjustable or Fixed-Mode Regulator
SL1118 SECOS-SL1118 Datasheet
601Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1086 SECOS-SU1086 Datasheet
605Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1117A SECOS-SU1117A Datasheet
621Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1116 SECOS-SJ1116 Datasheet
571Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1085 SECOS-SU1085 Datasheet
631Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1086 SECOS-SJ1086 Datasheet
593Kb / 4P
   Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com