Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM138 Fiches technique(PDF) 1 Page - Seme LAB

No de pièce LM138
Description  5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM138 Fiches technique(HTML) 1 Page - Seme LAB

  LM138 Datasheet HTML 1Page - Seme LAB LM138 Datasheet HTML 2Page - Seme LAB LM138 Datasheet HTML 3Page - Seme LAB LM138 Datasheet HTML 4Page - Seme LAB LM138 Datasheet HTML 5Page - Seme LAB LM138 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IP138A SERIES
IP138A SERIES
IP338A SERIES
IP338A SERIES
LM138 SERIES
Prelim. 4/96
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Pin 1 – ADJ.
Pin 2 – VIN
Case – VOUT
K Package – TO–3
Pin 1 – ADJ.
Pin 2 – VOUT
Case – VIN
Q Package – TO–254
Pin 1 – ADJ.
Pin 2 – VOUT
Pin 3 – VIN
Case – VOUT
V Package – TO–218
5 AMP
POSITIVE ADJUSTABLE
VOLTAGE REGULATOR
VI–O
Input - Output Differential Voltage
PD
Power Dissipation
TJ
Operating Junction Temperature Range
TSTG
Storage Temperature
TL
Lead Temperature (Soldering, 10 sec.)
35V
Internally limited
See Table Above
–65 to 150°C
300°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• OUTPUT VOLTAGE RANGE OF 1.25 TO 35V
• 1% OUTPUT VOLTAGE TOLERANCE
(–A VERSIONS)
• 0.3% LOAD REGULATION
• 0.01% / V LINE REGULATION
• COMPLETE SERIES OF PROTECTIONS:
• CURRENT LIMITING
• THERMAL SHUTDOWN
• SOA CONTROL
12
3

!
123
Part
K–Pack
V–Pack
Q-Pack
Temp.
Number
(TO–3)
(TO–218) (TO-254)
Range
IP138A
✔✔
-55 to +150°C
IP138
✔✔
LM138
✔✔
IP338A
✔✔
0 to 125°C
IP338
✔✔
LM338
✔✔
Note:
To order, add the package identifier
to the part number.
eg.
IP138AQ
Order Information


Numéro de pièce similaire - LM138

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
STMicroelectronics
LM138 STMICROELECTRONICS-LM138 Datasheet
186Kb / 12P
   THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
logo
Linear Technology
LM138 LINER-LM138 Datasheet
185Kb / 12P
   5A Positive Adjustable Voltage Regulator
LM138 LINER-LM138 Datasheet
148Kb / 12P
   5A Positive Adjustable Voltage Regulator
logo
STMicroelectronics
LM138 STMICROELECTRONICS-LM138 Datasheet
1Mb / 23P
   Three-terminal 5 A adjustable voltage regulators
More results

Description similaire - LM138

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
UA78HGA FAIRCHILD-UA78HGA Datasheet
305Kb / 4P
   Positive Adjustable 5-Amp Voltage Regulator
logo
Micropac Industries
52150 MICROPAC-52150 Datasheet
114Kb / 4P
   POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
logo
Seme LAB
IP117MAHVH SEME-LAB-IP117MAHVH Datasheet
24Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
   3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1084 SEMTECH-EZ1084_06 Datasheet
155Kb / 6P
   5 Amp Positive Voltage Regulator
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
logo
Semtech Corporation
LAS79HG SEMTECH-LAS79HG Datasheet
262Kb / 5P
   5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Micropac Industries
52149 MICROPAC-52149 Datasheet
112Kb / 3P
   NEGATIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
logo
Sensitron
SHD526050 SENSITRON-SHD526050 Datasheet
43Kb / 2P
   POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com