Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65930BZCH Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS65930BZCH
Description  Integrated Power Management / Audio Codec (TPS65930 Only)
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65930BZCH Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS65930BZCH Datasheet HTML 6Page - Texas Instruments TPS65930BZCH Datasheet HTML 7Page - Texas Instruments TPS65930BZCH Datasheet HTML 8Page - Texas Instruments TPS65930BZCH Datasheet HTML 9Page - Texas Instruments TPS65930BZCH Datasheet HTML 10Page - Texas Instruments TPS65930BZCH Datasheet HTML 11Page - Texas Instruments TPS65930BZCH Datasheet HTML 12Page - Texas Instruments TPS65930BZCH Datasheet HTML 13Page - Texas Instruments TPS65930BZCH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 117 page
background image
TPS65930/TPS65920
SWCS037G
– MAY 2008 – REVISED APRIL 2011
www.ti.com
Glossary of acronyms and abbreviations used in this data manual (see Section 16, Glossary)
1
1.1
Features
The TPS65930 and TPS65920 devices offer the following features:
Power:
– Three efficient stepdown converters
– Four external linear LDOs for clocks and peripherals
– SmartReflex dynamic voltage management
Audio (TPS65930 device only):
– Differential input main microphones
– Mono auxiliary/FM input
– External predrivers for class D (stereo)
– TDM interface
– Automatic level control (ALC)
– Digital and analog mixing
– 16-bit linear audio stereo DAC (96, 48, 44.1, and 32 kHz and derivatives)
– 16-bit linear audio stereo ADC (48, 44.1, and 32 kHz and derivatives)
– Carkit
USB:
– USB 2.0 on-the-go (OTG)-compliant HS transceivers
– 12-bit universal transceiver macro interface ULPI
– USB power supply (5-V charge pump for VBUS)
– Consumer Electronics Association (CEA)-2011: OTG transceiver interface specification
– CEA-936A: Mini-USB analog carkit specification
Additional Features:
– LED driver circuit for two external LEDs
– Two external 10-bit MADC inputs
– Real-time clock (RTC) and retention modules
– HS I2C serial control
– Thermal shutdown and hot-die detection
– Keypad Interface (up to 6 × 6)
– External vibrator control
– 15 GPIOs
– 0.65 mm pitch, 139 pin, 10 × 10 mm package
Charger:
– Backup battery charger
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
10
Introduction
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TPS65930/TPS65920


Numéro de pièce similaire - TPS65930BZCH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65930BZCH TI-TPS65930BZCH Datasheet
1Mb / 114P
[Old version datasheet]   Integrated Power Management Audio Codec (TPS65930 Only)
TPS65930BZCHR TI-TPS65930BZCHR Datasheet
1Mb / 114P
[Old version datasheet]   Integrated Power Management Audio Codec (TPS65930 Only)
More results

Description similaire - TPS65930BZCH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65930 TI-TPS65930 Datasheet
1Mb / 114P
[Old version datasheet]   Integrated Power Management Audio Codec (TPS65930 Only)
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65950 TI-TPS65950 Datasheet
2Mb / 166P
[Old version datasheet]   Integrated Power Management/Audio Codec Silicon Revision 1.0
logo
ams AG
AS3514 AMSCO-AS3514 Datasheet
65Kb / 3P
   Stereo Audio Codec with System Power Management
AS3515 AMSCO-AS3515 Datasheet
164Kb / 3P
   Stereo Audio Codec with System Power Management
AS3515 AMSCO-AS3515_08 Datasheet
3Mb / 67P
   Stereo Audio Codec with System Power Management
AS3518 AMSCO-AS3518 Datasheet
417Kb / 3P
   Stereo Audio Codec with enhanced System Power Management
AS3517 AMSCO-AS3517_08 Datasheet
4Mb / 94P
   Stereo Audio Codec with enhanced System Power Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com