Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65253RHD Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS65253RHD
Description  4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65253RHD Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS65253RHD Datasheet HTML 4Page - Texas Instruments TPS65253RHD Datasheet HTML 5Page - Texas Instruments TPS65253RHD Datasheet HTML 6Page - Texas Instruments TPS65253RHD Datasheet HTML 7Page - Texas Instruments TPS65253RHD Datasheet HTML 8Page - Texas Instruments TPS65253RHD Datasheet HTML 9Page - Texas Instruments TPS65253RHD Datasheet HTML 10Page - Texas Instruments TPS65253RHD Datasheet HTML 11Page - Texas Instruments TPS65253RHD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS65253
SLVSAW8
– JUNE 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to 85°C, VIN = 12 V, LO = 2.2 µH, fSW = 500 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MOSFET (BUCK 2)
On resistance of high side FET on
H.S. Switch
25
°C, BOOT = 6.5 V
115
m
Ω
CH2
On resistance of low side FET on
L.S. Switch
25
°C, VIN = 12 V
75
m
Ω
CH2
ERROR AMPLIFIER
Error amplifier
-2
µA < ICOMP < 2 µA
130
µ℧
transconductance
CMP to ILX gm
ILX = 0.5 A
12
A/V
POWER GOOD RESET GENERATOR
Output falling
85
Threshold voltage for buck under
VUVBUCKX
%
Output rising (PG will be
voltage
90
asserted)
tUV_deglitch
Deglitch time (both edges)
11
ms
tON_HICCUP
Hiccup mode ON time
VUVBUCKX asserted
12
ms
All converters disabled. Once
tOFF_HICCUP elapses, all
tOFF_HICCUP
Hiccup mode OFF time
20
ms
converters will go through
sequencing again.
Output rising (high side FET will
109
be forced off)
Threshold voltage for buck over
VOVBUCKX
%
voltage
Output falling (high side FET will
107
be allowed to switch )
Measured after the later of
tRP
minimum reset period
Buck 1 or Buck 2 power-up
32
ms
successfully
THERMAL SHUTDOWN
TTRIP
Thermal shut down trip point
Rising temperature
160
°C
THYST
Thermal shut down hysteresis
Device re-starts
20
°C
TTRIP_DEGLITCH
Thermal shut down deglitch
100
120
µs
8
Copyright
© 2011, Texas Instruments Incorporated


Numéro de pièce similaire - TPS65253RHD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
More results

Description similaire - TPS65253RHD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI1-TPS56221 Datasheet
661Kb / 25P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS65251 TI-TPS65251_15 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS65252 TI-TPS65252_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
TPS65252 TI1-TPS65252 Datasheet
924Kb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
TPS56121 TI-TPS56121_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com