Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62361B Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62361B
Description  Processor Supply with I2C Compatible Interface and Remote Sense
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62361B Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS62361B Datasheet HTML 5Page - Texas Instruments TPS62361B Datasheet HTML 6Page - Texas Instruments TPS62361B Datasheet HTML 7Page - Texas Instruments TPS62361B Datasheet HTML 8Page - Texas Instruments TPS62361B Datasheet HTML 9Page - Texas Instruments TPS62361B Datasheet HTML 10Page - Texas Instruments TPS62361B Datasheet HTML 11Page - Texas Instruments TPS62361B Datasheet HTML 12Page - Texas Instruments TPS62361B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
TPS62360, TPS62361B, TPS62362
www.ti.com
SLVSAU9
– MAY 2011
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VOUT = 1.5V
Figure 3
VOUT = 1.4V
Figure 4
VOUT = 1.2V
Figure 5
vs. Output Current (Power Save and Forced
VOUT = 1.1V
Figure 6
PWM Mode)
VOUT = 1.0V
Figure 7
η
Efficiency
VOUT = 0.9V
Figure 8
VOUT = 0.6V
Figure 9
IOUT = 3000mA
Figure 10
IOUT = 1000mA
Figure 11
vs. Input Voltage (Power Save and Forced PWM
Mode)
IOUT = 100mA
Figure 12
IOUT = 10mA
Figure 13
VOUT = 1.5V, TA =
Figure 14
25
°C
VOUT = 1.2V, TA =
Figure 15
25
°C
vs. Output Current (Power Save and Forced
VO
DC Output Voltage
PWM Mode)
VOUT = 0.9V, TA =
Figure 16
25
°C
VOUT = 0.6V, TA =
Figure 17
25
°C
VOUT = 0.5V, IOUT =
Figure 18
0mA
Into No Load
VOUT = 1.5V, IOUT =
Figure 19
0mA
Startup
VOUT = 0.5V, IOUT =
Figure 20
1000mA
Into Load
VOUT = 1.5V, IOUT =
Figure 21
1000mA
IOUT = 10mA
Figure 22
IOUT = 200mA
Figure 23
Switching Wave forms
IOUT = 1000mA
Figure 24
IOUT = 3000mA
Figure 25
IOUT = 0mA
Figure 26
Output Voltage Ramp Control
Transition 0.6V .. 1.5V
IOUT = 1000mA
Figure 27
IOUT = 5mA to 200mA
Figure 28
IOUT = 5mA to 1000mA
Figure 29
IOUT = 200mA to
Load Transient Response
Figure 30
1000mA
IOUT = 1000mA to
Figure 31
3000mA
Line Transient Response
VIN = 3.2 to 4.2V
Figure 32
ISD(VIN),
Shutdown Current at AVIN and
TA = [-40°C, 25°C,
vs. Input Voltage
Figure 33
ISD(AVIN)
VIN
125
°C]
TA = [-40°C, 25°C,
125
°C],
Figure 34
auto PFM/PWM
IQ
Quiescent Current
vs. Input Voltage
TA = [-40°C, 25°C,
125
°C]
Figure 35
forced PWM
fSW
Switching Frequency
vs. Output Current
VOUT = 1.2V
Figure 36
ILIM
Current Limit
vs. Input Voltage
Figure 37
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS62360 TPS62361B TPS62362


Numéro de pièce similaire - TPS62361B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62361B TI-TPS62361B Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62361B TI1-TPS62361B Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62361B TI1-TPS62361B Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62361BYZHR TI-TPS62361BYZHR Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62361BYZHR TI1-TPS62361BYZHR Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Description similaire - TPS62361B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62360_1108 TI-TPS62360_1108 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI-TPS62360_15 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62366A TI1-TPS62366A Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_17 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_12 Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
logo
Texas Instruments
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com