Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62063DSGR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62063DSGR
Description  3-MHz 1.6A Step Down Converter in 2x2 SON Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62063DSGR Fiches technique(HTML) 4 Page - Texas Instruments

  TPS62063DSGR Datasheet HTML 1Page - Texas Instruments TPS62063DSGR Datasheet HTML 2Page - Texas Instruments TPS62063DSGR Datasheet HTML 3Page - Texas Instruments TPS62063DSGR Datasheet HTML 4Page - Texas Instruments TPS62063DSGR Datasheet HTML 5Page - Texas Instruments TPS62063DSGR Datasheet HTML 6Page - Texas Instruments TPS62063DSGR Datasheet HTML 7Page - Texas Instruments TPS62063DSGR Datasheet HTML 8Page - Texas Instruments TPS62063DSGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS62061, TPS62063
TPS62060
SLVSA95A
– MARCH 2010 – REVISED JANUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over full operating ambient temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply
for condition VIN = EN = 3.6V. External components CIN = 10μF 0603, COUT = 10μF 0603, L = 1.0μH, see the parameter
measurement information.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Vref
Reference voltage
600
mV
PWM operation, MODE = VIN ,
VFB(PWM)
Feedback voltage PWM Mode
–1.5%
0%
1.5%
2.7 V
≤ VIN ≤ 6 V, 0 mA load
Feedback voltage PFM mode,
device in PFM mode, voltage positioning active(2)
VFB(PFM)
1%
Voltage Positioning
Load regulation
-0.5
%/A
VFB
Line regulation
0
%/V
Activated with EN = GND, 2.0V
≤ VIN≤ 6V, 0.8 ≤
75
200
1450
R(Discharge)
Internal discharge resistor
Ω
VOUT≤ 3.6V
tSTART
Start-up time
Time from active EN to reach 95% of VOUT
500
μs
(2)
In PFM mode, the internal reference voltage is set to typ. 1.01
×Vref. See the parameter measurement information.
PIN ASSIGNMENTS
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NAME
SON 2x2-8
PGND
1
PWR
GND supply pin for the output stage.
This is the switch pin and is connected to the internal MOSFET switches. Connect the
SW
2
OUT
external inductor between this terminal and the output capacitor.
AGND
3
IN
Analog GND supply pin for the control circuit.
Feedback pin for the internal regulation loop. Connect the external resistor divider to this pin.
FB
4
IN
In case of fixed output voltage option, connect this pin directly to the output capacitor
This is the enable pin of the device. Pulling this pin to low forces the device into shutdown
EN
5
IN
mode. Pulling this pin to high enables the device. This pin must be terminated
MODE: MODE pin = high forces the device to operate in fixed frequency PWM mode. MODE
MODE
6
IN
pin = low enables the Power Save Mode with automatic transition from PFM mode to fixed
frequency PWM mode.
Analog VIN power supply for the control circuit. Need to be connected to PVIN and input
AVIN
7
IN
capacitor.
PVIN
8
PWR
VIN power supply pin for the output stage.
For good thermal performance, this PAD must be soldered to the land pattern on the pcb.
Power PAD
This PAD should be used as device GND.
4
Copyright
© 2010–2011, Texas Instruments Incorporated


Numéro de pièce similaire - TPS62063DSGR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62063DSGR TI1-TPS62063DSGR Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
More results

Description similaire - TPS62063DSGR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com