Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62061 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62061
Description  3-MHz 1.6A Step Down Converter in 2x2 SON Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62061 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS62061 Datasheet HTML 2Page - Texas Instruments TPS62061 Datasheet HTML 3Page - Texas Instruments TPS62061 Datasheet HTML 4Page - Texas Instruments TPS62061 Datasheet HTML 5Page - Texas Instruments TPS62061 Datasheet HTML 6Page - Texas Instruments TPS62061 Datasheet HTML 7Page - Texas Instruments TPS62061 Datasheet HTML 8Page - Texas Instruments TPS62061 Datasheet HTML 9Page - Texas Instruments TPS62061 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
50
55
60
65
70
75
80
85
90
95
100
V
=4.2V
IN
V
=5V
IN
V
=3.6V
IN
V
=3.3V
IN
V
=3V
IN
L =1.2 H(NRG4026T1R2),
C
=10 F(0603size),
V
=1.2V,
Mode: AutoPFM/PWM
m
m
OUT
OUT
0
0.6
1
1.2
1.4
1.6
I -LoadCurrent- A
L
0.2
0.4
0.8
50
55
60
65
70
75
80
85
90
95
100
L =1.2 H(NRG4026T1R2),
C
=10 F(0603size),
V
=1.8V,
Mode: AutoPFM/PWM
m
m
OUT
OUT
V
=4.2V
IN
V
=3.6V
IN
V
=3.3V
IN
V
=3V
IN
V
=5V
IN
0
0.6
1
1.2
1.4
1.6
I -LoadCurrent- A
L
0.2
0.4
0.8
TPS62061, TPS62063
TPS62060
SLVSA95A
– MARCH 2010 – REVISED JANUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS
Table 1. Table of Graphs
FIGURE
Load Current, VOUT = 1.2 V, Auto PF//PWM Mode, Linear Scale
Figure 1
Load Current, VOUT = 1.8 V, Auto PFM/PWM Mode, Linear Scale
Figure 2
η
Efficiency
Load Current, VOUT = 3.3 V, PFM/PWM Mode, Linear Scale
Figure 3
Load Current, VOUT = 1.8 V, Auto PFM/PWM Mode vs. Forced PWM
Figure 4
Mode, Logarithmic Scale
Load Current, VOUT = 1.8 V, Auto PFM/PWM Mode
Figure 5
Output Voltage Accuracy
Load Current, VOUT = 1.8 V, Forced PWM Mode
Figure 6
Shutdown Current
Input Voltage and Ambient Temperature
Figure 7
Quiescent Current
Input Voltage
Figure 8
Oscillator Frequency
Input Voltage
Figure 9
Input Voltage, Low-Side Switch
Figure 10
Static Drain-Source On-State
Resistance
Input Voltage, High-Side Switch
Figure 11
RDISCHARGE
Input Voltage vs. VOUT
Figure 12
PWM Mode, VIN = 3.6 V, VOUT = 1.8 V, 500 mA, L = 1.2 μH, COUT = 10μF
Figure 13
Typical Operation
PFM Mode, VIN = 3.6 V, VOUT = 1.8 V, 20 mA, L = 1.2 μH, COUT = 10μF
Figure 14
PWM Mode, VIN = 3.6 V, VOUT = 1.2 V, 0.2 mA to 1 A
Figure 15
Load Transient
PFM Mode, VIN = 3.6 V, VOUT = 1.2 V, 20 mA to 250 mA
Figure 16
VIN = 3.6 V, VOUT = 1.8 V, 200 mA to 1500 mA
Figure 17
PWM Mode, VIN = 3.6 V to 4.2 V, VOUT = 1.8 V, 500 mA
Figure 18
Line Transient
PFM Mode, VIN = 3.6 V to 4.2 V, VOUT = 1.8 V, 500 mA
Figure 19
Startup into Load
VIN = 3.6 V, VOUT = 1.8 V, Load = 2.2-Ω
Figure 20
Output Discharge
VIN = 3.6 V, VOUT = 1.8 V, No Load
Figure 21
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 1. VOUT = 1.2V, Auto PFM/PWM Mode,
Figure 2. VOUT = 1.8V, Auto PFM/PWM Mode,
Linear Scale
Linear Scale
6
Copyright
© 2010–2011, Texas Instruments Incorporated


Numéro de pièce similaire - TPS62061

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62061 TI1-TPS62061 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62061DSGR TI1-TPS62061DSGR Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62061DSGT TI1-TPS62061DSGT Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
More results

Description similaire - TPS62061

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com