Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61260DRVR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61260DRVR
Description  TINY LOW INPUT VOLTAGE BOOST CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61260DRVR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS61260DRVR Datasheet HTML 2Page - Texas Instruments TPS61260DRVR Datasheet HTML 3Page - Texas Instruments TPS61260DRVR Datasheet HTML 4Page - Texas Instruments TPS61260DRVR Datasheet HTML 5Page - Texas Instruments TPS61260DRVR Datasheet HTML 6Page - Texas Instruments TPS61260DRVR Datasheet HTML 7Page - Texas Instruments TPS61260DRVR Datasheet HTML 8Page - Texas Instruments TPS61260DRVR Datasheet HTML 9Page - Texas Instruments TPS61260DRVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
0
10
20
30
40
50
60
70
80
90
100
110
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
Input Voltage (V)
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 4.0 V
R3 = 2 kΩ
G000
0
10
20
30
40
50
60
70
80
90
100
110
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
Input Voltage (V)
VOUT = 3.3 V
R3 = 2 kΩ
G000
TPS61260, TPS61261
SLVSA99
– MAY 2011
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
DESCRIPTION
FIGURE
Maximum output current
vs Input voltage (TPS61260, VOUT = {1.8 V; 2.5 V; 4.0 V})
1
vs Input voltage (TPS61261, VOUT = 3.3 V)
2
Efficiency
vs Output current (TPS61260, VOUT = {1.8 V; 2.5 V; 4.0 V})
3
vs Output current (TPS61261, VOUT = 3.3 V)
4
vs Input voltage (TPS61260, VOUT = 1.8 V, IOUT = {10; 20; 50 mA})
5
vs Input voltage (TPS61260, VOUT = 2.5 V, IOUT = {10; 20; 50 mA})
6
vs Input voltage (TPS61260, VOUT = 4.0 V, IOUT = {10; 20; 50; 100 mA})
7
vs Input voltage (TPS61261, VOUT = 3.3V, IOUT = {10; 20; 50 mA})
8
Output current
vs Resistance at RI
9
Output voltage
vs Output current (TPS61260, VOUT = 1.8 V)
10
vs Output current (TPS61260, VOUT = 2.5 V)
11
vs Output current (TPS61260, VOUT = 4.0 V)
12
vs Output current (TPS61261, VOUT = 3.3V)
13
Output current
vs Output voltage
14
Waveforms
Load transient response (TPS61261, Load change from 5 mA to 45 mA)
15
Line transient response (TPS61261, Iout = 50 mA, VIN change from 1.0 V to 1.5 V)
16
Startup after enable (TPS61261, VOUT = 3.3V, VIN = 1.2 V, Iout = 10 mA)
17
Startup after enable (TPS61261, VOUT = 3.3V, VIN = 2.5 V, Iout = 10 mA)
18
MAXIMUM OUTPUT CURRENT
MAXIMUM OUTPUT CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 1.
Figure 2.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Numéro de pièce similaire - TPS61260DRVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61260DRVR TI1-TPS61260DRVR Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
More results

Description similaire - TPS61260DRVR

FabricantNo de pièceFiches techniqueDescription
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
   TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Texas Instruments
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
TPS61252 TI1-TPS61252_16 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com