Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA9509 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCA9509
Description  LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9509 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TCA9509 Datasheet HTML 4Page - Texas Instruments TCA9509 Datasheet HTML 5Page - Texas Instruments TCA9509 Datasheet HTML 6Page - Texas Instruments TCA9509 Datasheet HTML 7Page - Texas Instruments TCA9509 Datasheet HTML 8Page - Texas Instruments TCA9509 Datasheet HTML 9Page - Texas Instruments TCA9509 Datasheet HTML 10Page - Texas Instruments TCA9509 Datasheet HTML 11Page - Texas Instruments TCA9509 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BUS A
TCA9509
SDA
SDAA
SDA
SCL
SCLA
SCL
EN
BUS B
1.1 V
SDAB
SCLB
V
CCB
V
CCA
10 kW
3.3 V
SLAVE
400 kHz
BUS
MASTER
400 kHz
10 kW
10 kW
1.1 V
9th CLOCK PULSE — ACKNOWLEDGE
0.5V/DIV
SCL
SDA
TCA9509
SCPS225
– JUNE 2011
www.ti.com
APPLICATION INFORMATION
A typical application is shown in Figure 3. In this example, the system master is running on a 1.1-V I2C bus, and
the slave is connected to a 3.3-V bus. Both buses run at 400 kHz. Master devices can be placed on either bus.
The TCA9509 is 5-V tolerant, so it does not require any additional circuitry to translate between 0.9-V to 5.5-V
bus voltages and 2.7-V to 5.5-V bus voltages.
When the B side of the TCA9509 is pulled low by a driver on the I2C bus and the falling edge goes below 0.3
VCCB, it causes the internal driver on the A side to turn on, causing the A side to pull down to about 0.2 V. When
the A side of the TCA9509 falls, first a comparator detects the falling edge and causes the internal driver on the
B side to turn on and pull the B-side pin down to ground. In order to illustrate what would be seen in a typical
application, refer to Figure 4 and Figure 5. If the bus master in Figure 3 were to write to the slave through the
TCA9509, waveforms shown in Figure 4 would be observed on the B bus. This looks like a normal I2C bus
transmission, except that the high level may be as low as 0.9 V, and the turn on and turn off of the acknowledge
signals are slightly delayed.
On the A-side bus of the TCA9509, the clock and data lines would have a positive offset from ground equal to
the VOL of the TCA9509. After the eighth clock pulse, the data line is pulled to the VOL of the master device,
which is very close to ground in this example. At the end of the acknowledge, the level rises only to the low level
set by the driver in the TCA9509 for a short delay, while the B-bus side rises above 0.3 VCCB and then continues
high. It is important to note that any arbitration or clock stretching events require that the low level on the A-bus
side at the input of the TCA9509 (VIL) be at or below 0.15 V to be recognized by the TCA9509 and then
transmitted to the B-bus side.
Figure 3. Typical Application
Figure 4. Bus A (0.9-V to 5.5-V Bus) Waveform
8
Copyright
© 2011, Texas Instruments Incorporated


Numéro de pièce similaire - TCA9509

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
TCA9509DGKR TI1-TCA9509DGKR Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
TCA9509DGKR TI1-TCA9509DGKR Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
TCA9509MRVHR TI1-TCA9509MRVHR Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
TCA9509RVHR TI1-TCA9509RVHR Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
More results

Description similaire - TCA9509

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com