Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC1200SDUB Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce AMC1200SDUB
Description  Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1200SDUB Fiches technique(HTML) 5 Page - Texas Instruments

  AMC1200SDUB Datasheet HTML 1Page - Texas Instruments AMC1200SDUB Datasheet HTML 2Page - Texas Instruments AMC1200SDUB Datasheet HTML 3Page - Texas Instruments AMC1200SDUB Datasheet HTML 4Page - Texas Instruments AMC1200SDUB Datasheet HTML 5Page - Texas Instruments AMC1200SDUB Datasheet HTML 6Page - Texas Instruments AMC1200SDUB Datasheet HTML 7Page - Texas Instruments AMC1200SDUB Datasheet HTML 8Page - Texas Instruments AMC1200SDUB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
1
2
3
4
8
7
6
5
VDD2
VOUTP
VOUTN
GND2
VDD1
VINP
VINN
GND1
AMC1200
www.ti.com
SBAS542
– APRIL 2011
ELECTRICAL CHARACTERISTICS (continued)
All minimum/maximum specifications at TA = –40°C to +105°C and within the specified voltage range, unless otherwise noted.
Typical values are at TA = +25°C, VDD1 = 5 V, and VDD2 = 3.3 V.
AMC1200
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0.5-V step, 50% to 10%, unfiltered output
1.6
3.3
µs
VIN to VOUT signal delay
0.5-V step, 50% to 50%, unfiltered output
3.15
5.6
µs
0.5-V step, 50% to 90%, unfiltered output
5.26
9.9
µs
Common-mode transient
CMTI
VCM = 1 kV
10
15
kV/
µs
immunity
2.7 V
≤ VDD2 ≤ 3.6 V
1.15
1.29
1.45
V
Output common-mode voltage
4.5 V
≤ VDD2 ≤ 5.5 V
2.4
2.55
2.7
V
Short-circuit current
20
mA
ROUT
Output resistance
2.5
Ω
POWER SUPPLY
VDD1
High-side supply voltage
4.5
5.0
5.5
V
VDD2
Low-side supply voltage
2.7
5.0
5.5
V
IDD1
High-side supply current
5.4
8
mA
2.7 V
< VDD2 < 3.6 V
3.8
6
mA
IDD2
Low-side supply current
4.5 V
< VDD2 < 5.5 V
4.4
7
mA
PDD1
High-side power dissipation
27.0
44.0
mW
2.7 V
< VDD2 < 3.6 V
11.4
21.6
mW
PDD2
Low-side power dissipation
4.5 V
< VDD2 < 5.5 V
22.0
38.5
mW
PIN CONFIGURATION
DUB PACKAGE
SOP-8
(TOP VIEW)
PIN DESCRIPTIONS
PIN #
PIN NAME
FUNCTION
DESCRIPTION
1
VDD1
Power
High-side power supply
2
VINP
Analog input
Noninverting analog input
3
VINN
Analog input
Inverting analog input
4
GND1
Power
High-side analog ground
5
GND2
Power
Low-side analog ground
6
VOUTN
Analog output
Inverting analog output
7
VOUTP
Analog output
Noninverting analog output
8
VDD2
Power
Low-side power supply
Copyright
© 2011, Texas Instruments Incorporated
5


Numéro de pièce similaire - AMC1200SDUB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1200SDUB TI-AMC1200SDUB Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200SDUB TI-AMC1200SDUB Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
AMC1200SDUBR TI-AMC1200SDUBR Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200SDUBR TI-AMC1200SDUBR Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
More results

Description similaire - AMC1200SDUB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD208 AD-AD208_1 Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208 Datasheet
872Kb / 15P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208_16 Datasheet
7Mb / 17P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
AD208 AD-AD208_15 Datasheet
8Mb / 16P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com