Moteur de recherche de fiches techniques de composants électroniques |
|
2N2919 Fiches technique(PDF) 1 Page - Microsemi Corporation |
|
2N2919 Fiches technique(HTML) 1 Page - Microsemi Corporation |
1 / 4 page TECHNICAL DATA SHEET 6 Lake Street, Lawrence, MA 01841 6 Lake Street, Lawrence, MA 01841 Gort Road Business Park, Ennis, Co. Clare, Ireland 1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803 Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298 Website: http://www.microsemi.com NPN SILICON DUAL TRANSISTOR Qualified per MIL-PRF-19500 /355 T4-LDS-0202 Rev. 1 (110638) Page 1 of 4 DEVICES LEVELS 2N2919 2N2919L 2N2919U JAN 2N2920 2N2920L 2N2920U JANTX JANTV JANS ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted) Parameters / Test Conditions Symbol Value Unit Collector-Emitter Voltage VCEO 60 Vdc Collector-Base Voltage VCBO 70 Vdc Emitter-Base Voltage VEBO 6.0 Vdc Collector Current IC 30 mAdc One Section 1 Both Sections 2 Total Power Dissipation @ TA = +25°C PT 200 350 mW Operating & Storage Junction Temperature Range TJ, Tstg -65 to +200 °C NOTES: 1. Derate linearly 1.143mW/°C for TA > +25°C (one section) 2. Derate linearly 2.000mW/°C for TA > +25°C (both sections) ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted) Parameters / Test Conditions Symbol Min. Max. Unit OFF CHARACTERTICS Collector-Emitter Breakdown Voltage V(BR)CEO Vdc IC = 10mAdc; Pulsed 60 Collector-Base Cutoff Current ICBO ηAdc μAdc VCB = 45Vdc VCB = 70Vdc 2.0 10 Emitter-Base Cutoff Current IEBO VEB = 5.0Vdc VEB = 6.0Vdc 2.0 10 ηAdc μAdc TO-78 U - Package |
Numéro de pièce similaire - 2N2919 |
|
Description similaire - 2N2919 |