Moteur de recherche de fiches techniques de composants électroniques |
|
1N4464 Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
1N4464 Fiches technique(HTML) 2 Page - Microsemi Corporation |
2 / 5 page TECHNICAL DATA SHEET 6 Lake Street, Lawrence, MA 01841 Gort Road Business Park, Ennis, Co. Clare, Ireland 1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803 Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298 Website: http://www.microsemi.com T4-LDS-0183 Rev. 1 (101686) Page 2 of 5 APPLICATIONS / BENEFITS Regulates voltage over a broad operating current and temperature range Extensive selection from 3.3 to 200V Standard voltage tolerances are plus/minus 5% with no suffix Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively Flexible axial-lead mounting terminals Nonsensitive to ESD per MIL-STD-750 Method 1020 Inherently radiation hard as described in Microsemi MicroNote 050 MAXIMUM RATINGS Operating Temperature: -65oC to +175oC. Storage Temperature: -65oC to +200oC. Power Dissipation: 1.5 Watts @ TA = 25 oC Thermal Resistance: 42oC/W junction to lead at 3/8 inch (10 mm) from body Thermal Impedance: 4.5oC/W (1N4462 thru 1N4496) and 7.5oC/W (1N6485 thru 1N6491 as well as 1N4460 and 1N4461) at 10 ms Forward Voltage: 1.00 V at 200 mA and 1.5 V at 1.0 A MECHANICAL AND PACKAGING CASE: Hermetically sealed voidless hard glass with Tungsten slugs TERMINATIONS: Axial-leads are Tin/Lead (Sn/Pb) over Copper MARKING: Body painted and part number, etc. POLARITY: Cathode indicated by band Tape & Reel option: Standard per EIA-296 Weight: 340 mg |
Numéro de pièce similaire - 1N4464 |
|
Description similaire - 1N4464 |