Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5196UR Fiches technique(PDF) 1 Page - Microsemi Corporation

No de pièce 1N5196UR
Description  SWITCHING DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5196UR Fiches technique(HTML) 1 Page - Microsemi Corporation

  1N5196UR_08 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
SWITCHING DIODE
– METALLURGICALLY BONDED
– HERMETICALLY SEALED
– DOUBLE PLUG CONSTRUCTION
Qualified per MIL-PRF-19500/118
LDS-0036 Rev. 1 (072072)
Page 1 of 1
DEVICES
1N5196UR
QUALIFIED LEVELS
JAN
JANTX
JANTXV
MAXIMUM RATING AT 25°C
Operating Temperature:
Storage Temperature:
Surge Current, sine, 8.3mS:
Total Power Dissipation, 25°C:
Max. Operating Current, 25°C:
D.C. Reverse Voltage (VRWM):
-65°C to +175°C
-65°C to +175°C
2A
500mW
200mA
225V
DC ELECTRICAL CHARACTERISTICS
VF
IR
Ambient
(°C)
IF
mA
Min
V
Max
V
Ambient
(°C)
V (dc)
Min
µA
Max
µA
25
100
0.8
1.0
25
225
-
0.025
-55
100
-
1.2
25
250
-
1.0
150
225
-
5.0
DESIGN DATA
Case: Hermetically sealed glass package per
MIL-PRF-19500/118 DO-213AA outline
Lead Material: Copper clad steel
Lead Finish: Tin / Lead
Thermal Impedance (ZθJX): 70°C/W maximum
Polarity: Cathode end is banded
.063" - .067"
1.60mm - 1.70mm
.016" - .022"
.41mm - .55mm
MIN .001"
.03mm
.130" - .146"
3.30mm - 3.70mm


Numéro de pièce similaire - 1N5196UR_08

FabricantNo de pièceFiches techniqueDescription
logo
Compensated Deuices Inc...
1N5196UR CDI-DIODE-1N5196UR Datasheet
33Kb / 2P
   GENERAL PURPOSE SILICON DIODES
logo
Microsemi Corporation
1N5196UR MICROSEMI-1N5196UR Datasheet
58Kb / 1P
   LL-35 High Voltage / Current Low Leakage Glass Diodes
1N5196UR MICROSEMI-1N5196UR Datasheet
74Kb / 1P
   SWITCHING DIODE
More results

Description similaire - 1N5196UR_08

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com