Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC546 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce BC546
Description  NPN Plastic-Encapsulate Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC546 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC546_11 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC546_11 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC546_11 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BC546_11 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
BC546 / BC547 / BC548
NPN Plastic-Encapsulate Transistor
04-Mar-2011 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
K
F
D
B
G
H
J
2
Base
3
Emitter
Collector
1
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Power Dissipation
CLASSIFICATION OF hFE
Product-Rank
BC546A
BC546B
BC546C
Product-Rank
BC547A
BC547B
BC547C
Product-Rank
BC548A
BC548B
BC548C
Range
110~220
200~450
420~800
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
BC546
80
BC547
50
Collector to Base Voltage
BC548
VCBO
30
V
BC546
65
BC547
45
Collector to Emitter Voltage
BC548
VCEO
30
V
Emitter to Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
100
mA
Total Device Dissipation
PD
625
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
TO-92
1
1
1
1Collector
2
2
2
2Base
3
3
3
3Emitter
Millimeter
REF.
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76


Numéro de pièce similaire - BC546_11

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BC546 SECOS-BC546_15 Datasheet
823Kb / 4P
   NPN Plastic-Encapsulate Transistor
logo
Diotec Semiconductor
BC546 DIOTEC-BC546_17 Datasheet
147Kb / 2P
   General Purpose NPN Transistors
BC546 DIOTEC-BC546_18 Datasheet
148Kb / 2P
   General Purpose NPN Transistors
More results

Description similaire - BC546_11

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
   NPN Plastic Plastic-Encapsulate Transistor
2SD2114 SECOS-2SD2114_15 Datasheet
413Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SD2142 SECOS-2SD2142_15 Datasheet
335Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SD601A SECOS-2SD601A_15 Datasheet
58Kb / 1P
   NPN Plastic-Encapsulate Transistor
2SC2859 SECOS-2SC2859_15 Datasheet
526Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883_15 Datasheet
370Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215_15 Datasheet
195Kb / 3P
   NPN Plastic-Encapsulate Transistor
BCP3669 SECOS-BCP3669_15 Datasheet
191Kb / 2P
   NPN Plastic-Encapsulate Transistor
BC817W SECOS-BC817W_15 Datasheet
240Kb / 2P
   NPN Plastic Encapsulate Transistor
M8050T SECOS-M8050T_15 Datasheet
64Kb / 1P
   NPN Plastic Encapsulate Transistor
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
   NPN Plastic-Encapsulate Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com