Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N1184R Datasheet(Fiches technique) 3 Page - Microsemi Corporation

Numéro de pièce 1N1184R
Description  HIGH RELIABILITY SILICON POWER RECTIFIER
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N1184R Datasheet(HTML) 3 Page - Microsemi Corporation

  1N1184R Datenblatt HTML 1Page - Microsemi Corporation 1N1184R Datenblatt HTML 2Page - Microsemi Corporation 1N1184R Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY SILICON POWER RECTIFIER
T4-LDS-0138 Rev. 1 (091729)
Page 3 of 3
PACKAGE DIMENSIONS
Ltr
Dimensions
Inches
Millimeters
Min
Max
Min
Max
OAH
1.000
25.40
CH
.450
11.43
HT
.115
.200
2.93
5.08
SL
.422
.453
10.72
11.50
HT1
.060
1.53
B
.250
.375
6.35
9.52
CD
.667
16.94
HF
.667
.687
16.95
17.44
J
.156
3.97
φT
.140
.175
3.56
04.44
C
.080
2.03
NOTES:
1
Dimensions are in inches.
2
Millimeters are given for general information only.
3
Units must not be damaged by torque of 30 inch-pounds applied to
.250-28 UNF-28 nut assembled on thread.
4
Diameter of unthreaded portion .249 inch (6.32 mm) max and .220 inch
(5.59 mm) min.
5
Complete threads to extend to within 2.5 threads of seating plane.
6
Angular orientation of this terminal is undefined.
7
Max pitch diameter of plated threads shall be basic pitch diameter .2268
inch (5.76 mm) reference FEDSTD-H28.
8
A chamfer or undercut on one or both ends of the hex portion is optional;
minimum base diameter at seating plane. .600 inch (15.24 mm).
9
In accordance with ASME Y14.5M, diameters are equivalent to
φx
symbology.
M
.030
0.77
Physical dimensions, (all device types) DO-5


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn