Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N1184 Datasheet(Fiches technique) 1 Page - Microsemi Corporation

Numéro de pièce 1N1184
Description  HIGH RELIABILITY SILICON POWER RECTIFIER
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N1184 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N1184_10 Datasheet HTML 1Page - Microsemi Corporation 1N1184_10 Datenblatt HTML 2Page - Microsemi Corporation 1N1184_10 Datenblatt HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY SILICON POWER RECTIFIER
Qualified per MIL-PRF-19500/297
• Glass Passivated Die
• Glass to Metal Seal Construction
• 500 Amps Surge Rating
• VRRM to 1000 Volts
T4-LDS-0138 Rev. 1 (091729)
Page 1 of 3
DEVICES
LEVELS
1N1184
1N1190
1N1184R
1N1190R
JAN
1N1186
1N3766
1N1186R
1N3766R
JANTX
1N1188
1N3768
1N1188R
1N3768R
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Peak Reverse Voltage
1N1184
1N1186
1N1188
1N1190
1N3766
1N3768
1N1184R
1N1186R
1N1188R
1N1190R
1N3766R
1N3768R
VR
100
200
400
600
800
1000
V
Average Forward Current, TC = 150°
IF
35
A
Peak Surge Forward Current @ tp = 8.3ms, half sinewave,
TC = 150°C
IFSM
500
A
Thermal Resistance, Junction to Case
RθJC
0.8
°C/W
Operating Case Temperature Range
Tj
-65°C to 175°C
°C
Storage Temperature Range
TSTG
-65°C to 175°C
°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Forward Voltage
IFM = 110A, TC = 25°C*
VFM
1.4
V
Forward Voltage
IFM = 500A, TC = 150°C*
VFM
2.3
V
Reverse Current
VRM = 100, Tj = 25°C
VRM = 200, Tj = 25°C
VRM = 400, Tj = 25°C
VRM = 600, Tj = 25°C
VRM = 800, Tj = 25°C
VRM = 1000, Tj = 25°C
1N1184
1N1186
1N1188
1N1190
1N3766
1N3768
1N1184R
1N1186R
1N1188R
1N1190R
1N3766R
1N3768R
IRM
10
μA
Reverse Current
VRM = 100, Tj = 150°C
VRM = 200, Tj = 150°C
VRM = 400, Tj = 150°C
VRM = 600, Tj = 150°C
VRM = 800, Tj = 150°C
VRM = 1000, Tj = 150°C
1N1184
1N1186
1N1188
1N1190
1N3766
1N3768
1N1184R
1N1186R
1N1188R
1N1190R
1N3766R
1N3768R
IRM
1
mA
* Pulse test: Pulse width 300 µsec, Duty cycle 2%
Note:
DO-203AB (DO-5)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn