Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7200 Fiches technique(PDF) 6 Page - Infineon Technologies AG

No de pièce TDA7200
Description  ASK/FSK Single Conversion Receiver
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA7200 Fiches technique(HTML) 6 Page - Infineon Technologies AG

Back Button TDA7200 Datasheet HTML 2Page - Infineon Technologies AG TDA7200 Datasheet HTML 3Page - Infineon Technologies AG TDA7200 Datasheet HTML 4Page - Infineon Technologies AG TDA7200 Datasheet HTML 5Page - Infineon Technologies AG TDA7200 Datasheet HTML 6Page - Infineon Technologies AG TDA7200 Datasheet HTML 7Page - Infineon Technologies AG TDA7200 Datasheet HTML 8Page - Infineon Technologies AG TDA7200 Datasheet HTML 9Page - Infineon Technologies AG TDA7200 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
TDA7200
Product Description
Data Sheet
6
V 1.0, 2007-05-02
1
Product Description
1.1
Overview
The IC is a very low power consumption single chip FSK/ASK Superheterodyne
Receiver (SHR) for the frequency band 400 to 440 MHz. The IC offers a high level of
integration and needs only a few external components. The device contains a low noise
amplifier (LNA), a double balanced mixer, a fully integrated VCO, a PLL synthesiser, a
crystal oscillator, a limiter with RSSI generator, a PLL FSK demodulator, a data filter, an
advanced data comparator (slicer) with selection between two threshold modes and a
peak detector. Additionally there is a power down feature to save current and extend
battery life, and two selectable alternatives of generating the data slicer threshold.
1.2
Features
Low supply current (Is = 5.7 mA typ. in FSK mode, Is = 5.0 mA typ. in ASK mode)
Supply voltage range 5V ±10%
Power down mode with very low supply current (50nA typ.)
FSK and ASK demodulation capability
Fully integrated VCO and PLL Synthesiser
ASK sensitivity better than -106 dBm over specified temperature range (-20 to
+70°C)
FSK sensitivity better than -100 dBm over specified temperature range (-20 to +70°C)
Limiter with RSSI generation, operating at 10.7MHz
2nd order low pass data filter with external capacitors
Data slicer with selection between two threshold modes (see Section 2.4.8)
1.3
Application
Remote Control Systems
Alarm Systems
Low Bitrate Communication Systems
Table 1
Order Information
Type
Ordering Code
Package
TDA7200
SP000296473
PG-TSSOP-28


Numéro de pièce similaire - TDA7200

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDA7210 INFINEON-TDA7210 Datasheet
1Mb / 52P
   Wireless Components ASK/FSK Single Conversion Receiver
Version 1.0 Dec 2008
TDA7210V INFINEON-TDA7210V Datasheet
299Kb / 2P
   ASK/FSK Receiver for the 434 and 868MHz frequency bands in a tiny VQFN package
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
logo
STMicroelectronics
TDA7212 STMICROELECTRONICS-TDA7212 Datasheet
61Kb / 4P
   LOW VOLTAGE FM XTAL CONTROLLED FRONT-END
TDA7220 STMICROELECTRONICS-TDA7220 Datasheet
382Kb / 16P
   VERY LOW VOLTAGE AM-FM RADIO
More results

Description similaire - TDA7200

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
TDA5212 INFINEON-TDA5212 Datasheet
1Mb / 51P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.1 May 2003
TDA5212 INFINEON-TDA5212_06 Datasheet
724Kb / 49P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.3 December 2006
TDA7210 INFINEON-TDA7210 Datasheet
1Mb / 52P
   Wireless Components ASK/FSK Single Conversion Receiver
Version 1.0 Dec 2008
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5200 INFINEON-TDA5200_10 Datasheet
1Mb / 39P
   ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com