Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA4862G Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce TDA4862G
Description  Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4862G Fiches technique(HTML) 3 Page - Infineon Technologies AG

  TDA4862G Datasheet HTML 1Page - Infineon Technologies AG TDA4862G Datasheet HTML 2Page - Infineon Technologies AG TDA4862G Datasheet HTML 3Page - Infineon Technologies AG TDA4862G Datasheet HTML 4Page - Infineon Technologies AG TDA4862G Datasheet HTML 5Page - Infineon Technologies AG TDA4862G Datasheet HTML 6Page - Infineon Technologies AG TDA4862G Datasheet HTML 7Page - Infineon Technologies AG TDA4862G Datasheet HTML 8Page - Infineon Technologies AG TDA4862G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TDA 4862
3
200
5-02-17
Pin Definitions and Functions
Pin Symbol Function
1
V
SENSE
Voltage Amplifier Inverting Input;
V
SENSE is connected via a resistive divider to the boost converter output.
With a capacitor connected to
V
AOUT it forms an integrator.
2
V
AOUT
Voltage Amplifier Output;
V
AOUT is connected internally to the first multiplier input. To prevent
overshoot the input voltage will be clamped at 5 V. During no load
conditions output pulses are suppressed completely when
V
AOUT falls
below 2.2 V.
If the current flowing into this pin is exceeding an internal defined margin
the multiplier output voltage is reduced to prevent the MOSFET from
overvoltage damage.
3MULTIN Multiplier Input;
MULTIN is the second multiplier input and connected via a resistive
divider to the rectifier output voltage.
4
I
SENSE
Current Sense Minus;
I
SENSE is connected to a sense resistor controlling the MOSFET source
current. The input is internally clamped at – 0.3 V to prevent negative
input voltage interaction. An internal low pass filter suppresses voltage
spikes when turning the MOSFET on.
5DETIN
Zero Current Detector Input;
DETIN is connected to an auxiliary winding monitoring the zero crossing
of the inductor current.
6GND
Ground;
All voltages are measured with respect to GND.
V
CC should be
bypassed directly to GND with a 0.1
µF or larger ceramic capacitor.
7GTDRV
Gate Drive Output;
GTDRV is the output of a totem-pole circuitry for direct driving a
MOSFET. A clamping network bypasses low state source current and
high state sink current.
8
V
CC
Positive Supply Voltage;
V
CC should be connected to a stable source slightly above the VCC
turn-ON threshold for normal operation. A 100 nF or lager ceramic
capacitor connected to
V
CC absorbs supply current spikes required to
charge external MOSFET gate capacitances.


Numéro de pièce similaire - TDA4862G

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
TDA4862G SIEMENS-TDA4862G Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
More results

Description similaire - TDA4862G

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
logo
Infineon Technologies A...
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com