Moteur de recherche de fiches techniques de composants électroniques |
|
TCA785 Fiches technique(PDF) 2 Page - Siemens Semiconductor Group |
|
TCA785 Fiches technique(HTML) 2 Page - Siemens Semiconductor Group |
2 / 16 page Semiconductor Group 2 TCA 785 Functional Description The synchronization signal is obtained via a high-ohmic resistance from the line voltage (voltage V5). A zero voltage detector evaluates the zero passages and transfers them to the synchronization register. This synchronization register controls a ramp generator, the capacitor C10 of which is charged by a constant current (determined by R9). If the ramp voltage V10 exceeds the control voltage V11 (triggering angle ϕ), a signal is processed to the logic. Dependent on the magnitude of the control voltage V11, the triggering angle ϕ can be shifted within a phase angle of 0˚ to 180˚. For every half wave, a positive pulse of approx. 30 µs duration appears at the outputs Q 1 and Q 2. The pulse duration can be prolonged up to 180˚ via a capacitor C12. If pin 12 is connected to ground, pulses with a duration between ϕ and 180˚ will result. Outputs and supply the inverse signals of Q 1 and Q 2. A signal of ϕ +180˚ which can be used for controlling an external logic,is available at pin 3. A signal which corresponds to the NOR link of Q 1 and Q 2 is available at output Q Z (pin 7). The inhibit input can be used to disable outputs Q1, Q2 and , . Pin 13 can be used to extend the outputs and to full pulse length (180˚ – ϕ). Q 1 Q 2 Q 1 Q 2 Q 1 Q 2 Block Diagram |
Numéro de pièce similaire - TCA785 |
|
Description similaire - TCA785 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |