Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7511W Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADV7511W
Description  165 MHz, High Performance HDMI Transmitter 3D video support
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7511W Fiches technique(HTML) 1 Page - Analog Devices

  ADV7511W Datasheet HTML 1Page - Analog Devices ADV7511W Datasheet HTML 2Page - Analog Devices ADV7511W Datasheet HTML 3Page - Analog Devices ADV7511W Datasheet HTML 4Page - Analog Devices ADV7511W Datasheet HTML 5Page - Analog Devices ADV7511W Datasheet HTML 6Page - Analog Devices ADV7511W Datasheet HTML 7Page - Analog Devices ADV7511W Datasheet HTML 8Page - Analog Devices ADV7511W Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
165 MHz, High Performance
HDMI Transmitter
ADV7511W
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
General
Incorporates HDMI v.1.4a features
3D video support
Extended colorimetry
165 MHz supports all video formats up to 1080p and
UXGA
Supports gamut metadata packet transmission
Integrated CEC buffer/controller
Compatible with DVI v.1.0 and HDCP v.1.3
Video/audio inputs accept logic levels from 1.8 V to 3.3 V
Digital video
3D video ready
Programmable 2-way color space converter
Supports RGB, YCbCr, and DDR
Supports ITU656-based embedded syncs
Automatic input video format timing detection (CEA-861-E)
Digital audio
Supports standard SPDIF for stereo LPCM or compressed
audio up to 192 kHz
High bit-rate audio (HBR)
8-channel uncompressed LPCM I2S audio up to 192 kHz
Special features for easy system design
On-chip MPU with I2C master to perform HDCP operations
and EDID reading operations
5 V tolerant I2C and HPD I/Os, no extra device needed
No audio master clock needed for supporting SPDIF and I2S
On-chip MPU reports HDMI events through interrupts and
registers
Qualified for automotive applications
APPLICATIONS
Automotive infotainment
Gaming consoles
PCs
DVD players and recorders
Digital set-top boxes
A/V receivers
FUNCTIONAL BLOCK DIAGRAM
TX0+/TX0–
ADV7511W
CEC
CEC CONTROLLER/
BUFFER
AUDIO
DATA
CAPTURE
SPDIF
VIDEO
DATA
CAPTURE
REGISTERS AND
CONFIGURATION
LOGIC
HDCP
AND EDID
MICROCONTROLLER
HDCP KEYS
HDCP
ENCRYPTION
CEC_CLK
I2S[3:0]
MCLK
LRCLK
SCLK
D[23:0]
VSYNC
HSYNC
DE
CLK
HPD
INT
SDA
SCL
4:2:2
4:4:4
AND
COLOR
SPACE
CONVERTER
I2C
SLAVE
I2C
MASTER
TX1+/TX1–
TX2+/TX2–
TXC+/TXC–
DDCSDA
DDCSCL
TMDS
OUTPUTS
Figure 1.
GENERAL DESCRIPTION
The ADV7511W is a 165 MHz High-Definition Multimedia
Interface (HDMI®) transmitter, which is ideal for automotive
entertainment products including DVD players/recorders,
digital set-top boxes, A/V receivers, gaming consoles, and PCs.
The digital video interface contains an HDMI v.1.4a/DVI v.1.0-
compatible transmitter and supports all HDTV formats. The
ADV7511W supports HDMI v1.4a-specific features (3D video
and extended colorimetry) in addition to x.v.Color™, high bit
rate audio, and programmable AVI InfoFrames. Internal HDCP
keys allow the secure transmission of protected content as specified
by the HDCP v.1.3 protocol.
The ADV7511W supports both SPDIF and 8-channel I2S audio. Its
high fidelity 8-channel I2S can transmit either stereo or 7.1
surround audio up to 768 kHz. The SPDIF can carry compressed
audio including Dolby® Digital, DTS®, and THX®. Fabricated in
an advanced CMOS process, the ADV7511W is provided in a
64-lead LQFP surface-mount plastic package with exposed paddle
and is specified over the −40°C to +105°C temperature range.


Numéro de pièce similaire - ADV7511W

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7511WBSWZ AD-ADV7511WBSWZ Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7511WBSWZ-RL AD-ADV7511WBSWZ-RL Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
More results

Description similaire - ADV7511W

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
AD9389 AD-AD9389_15 Datasheet
1Mb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
AD9389 AD-AD9389 Datasheet
908Kb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com