Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7511W Fiches technique(PDF) 6 Page - Analog Devices |
|
ADV7511W Fiches technique(HTML) 6 Page - Analog Devices |
6 / 12 page ADV7511W Rev. 0 | Page 6 of 12 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS DVDD D12 2 3 4 7 6 5 1 8 9 10 12 13 14 15 16 11 47 46 45 42 43 44 48 41 40 39 37 36 35 34 33 38 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 PIN 1 TOP VIEW (Not to Scale) VSYNC SPDIF MCLK I2S0 I2S1 I2S2 I2S3 SCLK LRCLK PVDD DVDD BGVDD R_EXT AVDD HPD D13 D14 D15 D16 D17 D18 D19 D20 D21 D22 D23 SDA SCL DDCSDA DDCSCL ADV7511W NOTES 1. THE LQFP HAS AN EXPOSED PAD THAT SHOULD BE CONNECTED TO GROUND. Figure 2. Pin Configuration Table 3. Pin Function Descriptions Pin No. Mnemonic Type Description 1, 11, 31, 51 DVDD Power 1.8 V Power Supply. These pins should be filtered and as quiet as possible. 2 VSYNC Input Vertical Sync Input. 3 SPDIF Input SPDIF (Sony/Philips Digital Interface) Audio Input. 4 MCLK Input Audio Reference Clock Input. 5 I2S0 Input I2S Channel 0 Audio Data Input. 6 I2S1 Input I2S Channel 1 Audio Data Input. 7 I2S2 Input I2S Channel 2 Audio Data Input. 8 I2S3 Input I2S Channel 3 Audio Data Input. 9 SCLK Input I2S Audio Clock Input. 10 LRCLK Input Left/Right Channel Signal Input. 12 PVDD Power 1.8 V PLL Power Supply. 13 BGVDD Power Band Gap Power Supply. 14 R_EXT Input This pin sets the internal reference currents. 15, 19, 25 AVDD Power 1.8 V Power Supply for TMDS Outputs. 16 HPD Input Hot Plug™ Detect Signal Input. 17, 18 TXC−, TXC+ Differential output Differential TMDS Clock Output. 20, 21 TX0−, TX0+ Differential output Differential TMDS Output Channel 0. 22 PD Input Power-Down Control and I2C Address Selection. 23, 24 TX1−, TX1+ Differential output Differential TMDS Output Channel 1. 26, 27 TX2−, TX2+ Differential output Differential TMDS Output Channel 2. 28 INT Output Interrupt Signal Output. 29 DVDD_3V Power 3.3 V Power Supply. |
Numéro de pièce similaire - ADV7511W |
|
Description similaire - ADV7511W |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |