Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7511W Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADV7511W
Description  165 MHz, High Performance HDMI Transmitter 3D video support
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7511W Fiches technique(HTML) 5 Page - Analog Devices

  ADV7511W Datasheet HTML 1Page - Analog Devices ADV7511W Datasheet HTML 2Page - Analog Devices ADV7511W Datasheet HTML 3Page - Analog Devices ADV7511W Datasheet HTML 4Page - Analog Devices ADV7511W Datasheet HTML 5Page - Analog Devices ADV7511W Datasheet HTML 6Page - Analog Devices ADV7511W Datasheet HTML 7Page - Analog Devices ADV7511W Datasheet HTML 8Page - Analog Devices ADV7511W Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADV7511W
Rev. 0 | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Digital Inputs (SDA, SCL, DDCSDA, DDCSCL,
HPD, PD, CEC)
−0.3 V to +5.5 V
Audio/Video Digital Inputs (MCLK, SPDIF,
I2S[3:0], SCLK, HSYNC, DE, VSYNC,
CEC_CLK)
−0.3 V to +3.63 V
Digital Output Current
20 mA
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Maximum Case Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II.
100% production tested at 25°C and sample tested at
specified temperatures.
III.
Sample tested only.
IV.
Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI.
100% production tested at 25°C; guaranteed by design
and characterization testing.
VII.
Limits defined by HDMI specification; guaranteed by
design and characterization testing.
VIII.
Parameter is guaranteed by design.
ESD CAUTION


Numéro de pièce similaire - ADV7511W

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7511WBSWZ AD-ADV7511WBSWZ Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7511WBSWZ-RL AD-ADV7511WBSWZ-RL Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
More results

Description similaire - ADV7511W

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
AD9389 AD-AD9389_15 Datasheet
1Mb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
AD9389 AD-AD9389 Datasheet
908Kb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com