Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7280A Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD7280A
Description  Lithium Ion Battery Monitoring System Cell balancing interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7280A Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD7280A Datasheet HTML 2Page - Analog Devices AD7280A Datasheet HTML 3Page - Analog Devices AD7280A Datasheet HTML 4Page - Analog Devices AD7280A Datasheet HTML 5Page - Analog Devices AD7280A Datasheet HTML 6Page - Analog Devices AD7280A Datasheet HTML 7Page - Analog Devices AD7280A Datasheet HTML 8Page - Analog Devices AD7280A Datasheet HTML 9Page - Analog Devices AD7280A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD7280A
Rev. 0 | Page 6 of 48
TIMING SPECIFICATIONS
VDD = 8 V to 30 V, VSS = 0 V, DVCC = AVCC = VREG, VDRIVE = 2.7 V to 5.5 V, TA = −40°C to +105°C, unless otherwise noted.
Table 3.
Parameter1
Min
Typ
Max
Unit
Description
tCONV
ADC conversion time
425
560
695
ns
−40°C to +85°C
425
720
ns
−40°C to +105°C
tACQ
ADC acquisition time, Bits[D6:D5] of the control register set to 00
340
400
465
ns
−40°C to +85°C
340
470
ns
−40°C to +105°C
tACQ
ADC acquisition time, Bits[D6:D5] of the control register set to 01
665
800
1010
ns
−40°C to +85°C
665
1030
ns
−40°C to +105°C
tACQ
ADC acquisition time, Bits[D6:D5] of the control register set to 10
1005
1200
1460
ns
−40°C to +85°C
1005
1510
ns
−40°C to +105°C
tACQ
ADC acquisition time, Bits[D6:D5] of the control register set to 11
1340
1600
1890
ns
−40°C to +85°C
1340
1945
ns
−40°C to +105°C
tDELAY
200
250
ns
Propagation delay between the falling edges of CNVST of adjacent
parts in the daisy chain
tWAIT
5
μs
Time required between the end of conversions and the beginning
of readback of the conversion results
fSCLK
1
MHz
Frequency of serial read clock
tQUIET
200
ns
Minimum quiet time required between the end of a serial read and
the start of the next conversion
t12
0.4
50
μs
CNVST low pulse
t2
10
ns
CS falling edge to SCLK rising edge
t3
20
ns
Delay from CS falling edge until SDO is three-state disabled
t4
5
ns
SDI setup time prior to SCLK falling edge
t5
4
ns
SDI hold time after SCLK falling edge
t63
28
ns
Data access time after SCLK rising edge
t7
20
ns
SCLK to data valid hold time
t8
0.45 × tSCLK
ns
SCLK high pulse width
t9
0.45 × tSCLK
ns
SCLK low pulse width
t104
100
ns
CS rising edge to SCLK rising edge
t11
10
ns
CS rising edge to SDO high impedance
t12
3
μs
CS high time required between each 32-bit write/read command
1 Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDRIVE) and timed from a voltage level of 1.6 V.
All timing specifications given are with a 25 pF load capacitance.
2 Maximum allowed CNVST low pulse time to ensure that a software power-down state is not entered when the CNVST pin is not gated.
3 Time required for the output to cross 0.4 V or 2.4 V.
4 t10 applies when using a continuous SCLK. Guaranteed by design.
Timing Diagram
t8
t10
THREE-STATE
THREE-STATE
SCLK
SDO
SDI
LSB
MSB
MSB – 1
MSB
MSB – 1
32
4
3
2
1
LSB
t12
t2
3
t
6
t
t7
t4
t5
t11
t9
CS
Figure 2. Serial Interface Timing Diagram


Numéro de pièce similaire - AD7280A

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7280 AD-AD7280 Datasheet
331Kb / 33P
   Lithium Ion Battery Monitoring System
Rev. PrD
More results

Description similaire - AD7280A

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7280 AD-AD7280 Datasheet
331Kb / 33P
   Lithium Ion Battery Monitoring System
Rev. PrD
logo
Infineon Technologies A...
TLE9012DQU INFINEON-TLE9012DQU Datasheet
1Mb / 76P
   Li-ion battery monitoring and balancing IC
Rev. 1.0 2022-01-24
TLE9012AQU INFINEON-TLE9012AQU Datasheet
404Kb / 6P
   Li-Ion Battery Monitoring and Balancing IC
2020-05-20
logo
Shenzhen Huazhimei Semi...
HM5054A HMSEMI-HM5054A Datasheet
1Mb / 11P
   Single-cell lithium-ion battery
HM5055A HMSEMI-HM5055A Datasheet
2Mb / 11P
   Single-cell lithium-ion battery
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
logo
Aeroflex Circuit Techno...
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
logo
Unisonic Technologies
UB2421 UTC-UB2421_15 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION POLYMER BATTERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com