Moteur de recherche de fiches techniques de composants électroniques |
|
LCD15-48S15 Fiches technique(PDF) 3 Page - Make-Ps |
|
LCD15-48S15 Fiches technique(HTML) 3 Page - Make-Ps |
3 / 3 page www.make-ps.com E-mail:info@make-ps.com Package Style and Pinning (mm) O OU UT TLLIIN NE E D DRRA AW WIIN NG G All specifications are typical at nominal input, nominal load and 25 ° C unless otherwise specified. External, low ESR, 10 microfarad (minimum) capacitor across output is recommended for operation. 3/3 1. All dimensions in Inches (mm) Tolerance: X.XX±0.02 (X.X±0.5) X.XXX±0.01 (X.XX±0.25) 2. Pin pitch tolerance ±0.01(0.25) 3. Pin dimension tolerance ±0.004 (0.1) PIN CONNECTION PIN SINGLE DUAL 1 + INPUT + INPUT 2 - INPUT - INPUT 3 ON/OFF ON/OFF 4 +VOUT +VOUT 5 TRIM COMMON 6 -VOUT -VOUT Make Power world-class design, development and manufacturing team stands ready to work with you to deliver the exact power converter you need for your ready to work with you to deliver the exact power converter you need for your demanding, large volume, OEM applications. And ... we ll do it on time and within budget Our experienced applications and design staffs; quick-turn prototype capability; highly automated, SMT assembly facilities; and in-line SPC quality-control techniques combine to give us the unique ability to design and deliver any quantity of power converters to the highest standards of quality and reliability. We have compiled a large library of DC/DC designs that are currently used in a variety of telecom, medical, computer, railway, aerospace and industrial applications. We may already have the converter you need. Contact us. Our goal is to provide you the highest-quality, most cost-effective power converters available. CUSTOM CAPABILITIES |
Numéro de pièce similaire - LCD15-48S15 |
|
Description similaire - LCD15-48S15 |