Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5755 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5755 Fiches technique(HTML) 4 Page - Analog Devices

  AD5755_11 Datasheet HTML 1Page - Analog Devices AD5755_11 Datasheet HTML 2Page - Analog Devices AD5755_11 Datasheet HTML 3Page - Analog Devices AD5755_11 Datasheet HTML 4Page - Analog Devices AD5755_11 Datasheet HTML 5Page - Analog Devices AD5755_11 Datasheet HTML 6Page - Analog Devices AD5755_11 Datasheet HTML 7Page - Analog Devices AD5755_11 Datasheet HTML 8Page - Analog Devices AD5755_11 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD5755
Rev. 0 | Page 4 of 48
SPECIFICATIONS
AVDD = VBOOST_x = 15 V; AVSS = −15 V; DVDD = 2.7 V to 5.5 V; AVCC = 4.5 V to 5.5 V; dc-to-dc converter disabled; AGND = DGND =
GNDSWx = 0 V; REFIN = 5 V; voltage outputs: RL = 1 kΩ, CL = 220 pF; current outputs: RL = 300 Ω; all specifications TMIN to TMAX, unless
otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE OUTPUT
Output Voltage Ranges
0
5
V
0
10
V
AVDD must have minimum 2.2 V headroom on
output
−5
+5
V
−10
+10
V
AVDD/AVSS must have minimum 2.2 V headroom on
output
0
6
V
0
12
V
AVDD must have minimum 2.2 V headroom on
output
−6
+6
V
−12
+12
V
AVDD/AVSS must have minimum 2.2 V headroom on
output
Resolution
16
Bits
ACCURACY
AVSS = −15 V, loaded and unloaded
Total Unadjusted Error (TUE)
B Version
−0.04
+0.04
% FSR
−0.03
±0.0032
+0.03
% FSR
TA = 25°C
A Version
−0.25
+0.25
% FSR
−0.075
±0.02
+0.075
% FSR
TA = 25°C
TUE Long-Term Stability
35
ppm FSR
Drift after 1000 hours, TJ = 150°C
Relative Accuracy (INL)
−0.006
±0.0012
+0.006
% FSR
0 V to 5 V, 0 V to 10 V, ±5 V, ±10 V ranges
−0.008
±0.0012
+0.008
% FSR
On overranges
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Zero-Scale Error
−0.03
±0.002
+0.03
% FSR
Zero-Scale TC2
±2
ppm
FSR/°C
Bipolar Zero Error
−0.03
±0.002
+0.03
% FSR
Bipolar Zero TC2
±1
ppm
FSR/°C
Offset Error
−0.03
±0.002
+0.03
% FSR
Offset TC2
±2
ppm
FSR/°C
Gain Error
−0.03
±0.004
+0.03
% FSR
Gain TC2
±3
ppm
FSR/°C
Full-Scale Error
−0.03
±0.002
+0.03
% FSR
Full-Scale TC2
±2
ppm
FSR/°C
OUTPUT CHARACTERISTICS2
Headroom
1
2.2
V
Footroom
1
1.4
V
Output Voltage Drift vs. Time
20
ppm FSR
Drift after 1000 hours, ¾ scale output, TJ = 150°C,
AVSS = −15 V
Short-Circuit Current
12/6
16/8
mA
Programmable by user, defaults to 16 mA typical
level
Load
1
For specified performance


Numéro de pièce similaire - AD5755_11

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5755-1 AD-AD5755-1 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5755-1 AD-AD5755-1 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5755-1 AD-AD5755-1 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5755-1 AD-AD5755-1 Datasheet
502Kb / 20P
   Low Power HART Modem
REV. A
More results

Description similaire - AD5755_11

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5755 AD-AD5755 Datasheet
1Mb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5735 AD-AD5735_12 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com