Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP38H073H1002 Fiches technique(PDF) 7 Page - GREATECS

No de pièce TP38H073H1002
Description  6x6 mm SMT Halogen-Free Tactile Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GREATECS [GREATECS]
Site Internet  http://www.greatecs.com
Logo GREATECS - GREATECS

TP38H073H1002 Fiches technique(HTML) 7 Page - GREATECS

  TP38H073H1002 Datasheet HTML 1Page - GREATECS TP38H073H1002 Datasheet HTML 2Page - GREATECS TP38H073H1002 Datasheet HTML 3Page - GREATECS TP38H073H1002 Datasheet HTML 4Page - GREATECS TP38H073H1002 Datasheet HTML 5Page - GREATECS TP38H073H1002 Datasheet HTML 6Page - GREATECS TP38H073H1002 Datasheet HTML 7Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Tactile Switches
6x6 mm SMT Halogen-Free Tactile Switches
TP38H Series
sales@greatecs.com
www.greatecs.com
7


Numéro de pièce similaire - TP38H073H1002

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TP38 ETC2-TP38 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
TP38 ETC2-TP38 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
More results

Description similaire - TP38H073H1002

FabricantNo de pièceFiches techniqueDescription
logo
GREATECS
TP89 GREATECS-TP89 Datasheet
225Kb / 3P
   5x5mm SMT Halogen-Free Tactile Switches
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
   12 x 12 mm Washable Halogen-Free Tactile Switches
logo
Bi technologies
SWT6 BITECH-SWT6 Datasheet
199Kb / 5P
   Tactile Switches 6X6 mm 1 Million Actuations RoHS Compliant
logo
TT Electronics.
SWT6 TTELEC-SWT6 Datasheet
150Kb / 5P
   Model SWT6 Tactile Switches 6X6 mm 500K Actuations RoHS Compliant
logo
List of Unclassifed Man...
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
   Tactile Switches (SMT)
logo
GREATECS
SB89 GREATECS-SB89 Datasheet
114Kb / 2P
   14 mm Halogen-Free Slide Switches
STA GREATECS-STA Datasheet
167Kb / 1P
   4 x 3 mm Miniature SMT Tactile Switches
DX48H GREATECS-DX48H Datasheet
182Kb / 5P
   SMT Half Pitch Type Halogen-Free DIP Switches
TP36 GREATECS-TP36 Datasheet
134Kb / 1P
   Long Travel SMT Tactile Switches
TPJ GREATECS-TPJ Datasheet
335Kb / 1P
   SPST SMT Tactile Switches with LED
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com