Moteur de recherche de fiches techniques de composants électroniques |
|
TP57H73EBKK12SA Fiches technique(PDF) 2 Page - GREATECS |
|
TP57H73EBKK12SA Fiches technique(HTML) 2 Page - GREATECS |
2 / 2 page Tactile Switches 12 x 12 mm Washable Halogen-Free Tactile Switches TP57 Series sales@greatecs.com www.greatecs.com 2 SOLDERING PROCESS Temperature Room 150° MAX 260° 60sec 120~150sec TIME(sec) 255° 230° 5~10sec » ( )max. 5 seconds subject to PCB 1.6mm thickness (soldering for through hole type). » 5 seconds while applying solder. » Reflow Soldering : When applying reflow soldering, the peak temperature or the reflow oven should be set to 260°C max. » Temperature Profile : OPTIONAL CAPS |
Numéro de pièce similaire - TP57H73EBKK12SA |
|
Description similaire - TP57H73EBKK12SA |