Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M4XME1C1E Fiches technique(PDF) 1 Page - OptoSupply International

No de pièce M4XME1C1E
Description  3PCS Xeon 1 Power LED Green light source, fast response
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTOSUPPLY [OptoSupply International]
Site Internet  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

M4XME1C1E Fiches technique(HTML) 1 Page - OptoSupply International

  M4XME1C1E Datasheet HTML 1Page - OptoSupply International M4XME1C1E Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
3PCS Xeon 1 Power LED
Descriptions:
1
• Green light source, fast response
• Long life, easy installation
• LED model number: XXXME1C1E
Features:
1
• Available in red, yellow, green, blue, white
• Super Bright
• Big Emitting Angle
• Superior ESD Protection
• Superior UV Resistance
• Can be equipped with lens:OS-OLTX3525X
Application:
1
• Small Space Lighting
• Mechanical equipment lights
Product Picture and Dimensions:
Model No.
OSPR3XX3-
XXXME1C1E
REV.
C1
Unit:mm
Tolerance: ±0.3mm


Numéro de pièce similaire - M4XME1C1E

FabricantNo de pièceFiches techniqueDescription
logo
OptoSupply Internationa...
M4XME1C1E OPTOSUPPLY-M4XME1C1E Datasheet
46Kb / 2P
   3PCS Xeon 1 Power LED Green light source, fast response
M4XME1C1E OPTOSUPPLY-M4XME1C1E Datasheet
45Kb / 2P
   6PCS Xeon 1 Power LED Green light source, fast response
M4XME1C1E OPTOSUPPLY-M4XME1C1E Datasheet
47Kb / 2P
   9PCS Xeon 1 Power LED Green light source, fast response
More results

Description similaire - M4XME1C1E

FabricantNo de pièceFiches techniqueDescription
logo
OptoSupply Internationa...
OSPR3XX1-XXXME1C1E OPTOSUPPLY-OSPR3XX1-XXXME1C1E Datasheet
46Kb / 2P
   3PCS Xeon 1 Power LED Green light source, fast response
OSPR3XX3-R5XME1C1E OPTOSUPPLY-OSPR3XX3-R5XME1C1E Datasheet
45Kb / 2P
   3PCS Xeon 1 Power LED Green light source, fast response
OSPR3XX1-R5XME1C1E OPTOSUPPLY-OSPR3XX1-R5XME1C1E Datasheet
46Kb / 2P
   3PCS Xeon 1 Power LED Green light source, fast response
OSPL4X01-XXZ3E1C1E OPTOSUPPLY-OSPL4X01-XXZ3E1C1E Datasheet
888Kb / 3P
   4PCS Xeon 1 Power LED Green light source, fast response
OSPR9X02-XXXME1C1E OPTOSUPPLY-OSPR9X02-XXXME1C1E Datasheet
47Kb / 2P
   9PCS Xeon 1 Power LED Green light source, fast response
OSPR6XX2-R5XME1C1E OPTOSUPPLY-OSPR6XX2-R5XME1C1E Datasheet
50Kb / 2P
   6PCS Xeon 1 Power LED Green light source, fast response
OSPR9X02-R5XME1C1E OPTOSUPPLY-OSPR9X02-R5XME1C1E Datasheet
47Kb / 2P
   9PCS Xeon 1 Power LED Green light source, fast response
OSPR4X01-M5Z3E1C1E OPTOSUPPLY-OSPR4X01-M5Z3E1C1E Datasheet
883Kb / 3P
   4PCS Xeon 1 Power LED Green light source, fast response
OSPR6XX1-R5XME1C1E OPTOSUPPLY-OSPR6XX1-R5XME1C1E Datasheet
45Kb / 2P
   6PCS Xeon 1 Power LED Green light source, fast response
OSPR4X01-XXZ3E1C1E OPTOSUPPLY-OSPR4X01-XXZ3E1C1E Datasheet
883Kb / 3P
   4PCS Xeon 1 Power LED Green light source, fast response
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com