Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB16CKW01-12-CJ Fiches technique(PDF) 9 Page - GREATECS

No de pièce LB16CKW01-12-CJ
Description  Standard Size Snap-in Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GREATECS [GREATECS]
Site Internet  http://www.greatecs.com
Logo GREATECS - GREATECS

LB16CKW01-12-CJ Fiches technique(HTML) 9 Page - GREATECS

Back Button LB16CKW01-12-CJ Datasheet HTML 2Page - GREATECS LB16CKW01-12-CJ Datasheet HTML 3Page - GREATECS LB16CKW01-12-CJ Datasheet HTML 4Page - GREATECS LB16CKW01-12-CJ Datasheet HTML 5Page - GREATECS LB16CKW01-12-CJ Datasheet HTML 6Page - GREATECS LB16CKW01-12-CJ Datasheet HTML 7Page - GREATECS LB16CKW01-12-CJ Datasheet HTML 8Page - GREATECS LB16CKW01-12-CJ Datasheet HTML 9Page - GREATECS LB16CKW01-12-CJ Datasheet HTML 10Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Illuminated Switches
Standard Size Snap-in Pushbuttons
LB Series
sales@greatecs.com
www.greatecs.com
9
ASSEMBLY INSTRUCTIONS
Panel
Mounting Nut
Bezel
O-ring
C
LED
B
B
A
LED
D Flat
A
B
Rubber Seal
Projection
Notch
Lamp Installation & LED Orientation
Switch & Cap Assembly
Installation & Maintenance
Align projections on lamp with
grooves (B) in holder when
inserting lamp. To correctly join
the lamp holder and cap base,
match the cut corners (A).
Incandescent & Neon Lamps
AT607 & AT607N
Bright LED AT627
Panel Seal Models
Snap-in Models
For panel seal models,
inserted into the lamp
socket which is built into
the switch. The cap can
then be placed on the
switch.
For snap-in models,
Bright LED must be
inserted into the cap
(C) when
inserting
the LED.
Bright & Super Bright LEDs
AT625, AT631, AT632,
AT635
holder when inserting the LED.
To correctly join the lamp holder and
cap base, match the cut corners (A).
Round & Rectangular
Match clip on cap assembly with receptacle inside
switch. Lamp terminals will then be aligned correctly
with lamp socket.
Square
Match projection (C) on cap
assembly with groove (C)
inside switch. Lamp terminals
will then be aligned correctly
with lamp socket.
Panel Seal
With Lamps AT607, AT607N, and
LEDs AT614, AT625, AT631, AT632:
Match projection on cap assembly with
notch inside switch. Lamp terminals
will then be aligned correctly with lamp
socket.
Snap-in Mount
in place.
To mount round
switch, match
the antirotation
projection on
switch with
guide cut in
panel. Snap
into panel
cutout.
Panel Seal
Bushing Mount
Insert switch from the
front of the panel with
the o-ring between the
built-in bezel and the
panel. Install mounting
nut AT075 (supplied with
switch) from the rear of
the panel.
Overtightening mounting
nut may damage the
switch housing.
Lamp Replacement
Actuator must be in UP position.
Pull off cap with cap extractor
AT109.
Replace lamp and reassemble as
shown above.
AT109
Cap Extractor
AT112
Socket Wrench
Projection
Cut Corner
C
C
Projection
Panel
Attention
Electrostatic
Sensitive Devices


Numéro de pièce similaire - LB16CKW01-12-CJ

FabricantNo de pièceFiches techniqueDescription
logo
Nihon Kaiheiki Industry...
LB16CKW01-12-CJ NKK-LB16CKW01-12-CJ Datasheet
2Mb / 20P
   Standard Size Pushbuttons
More results

Description similaire - LB16CKW01-12-CJ

FabricantNo de pièceFiches techniqueDescription
logo
Nihon Kaiheiki Industry...
LB15SKW01-05-BJ NKK-LB15SKW01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB15SKW01-5C12-JC ETC2-LB15SKW01-5C12-JC Datasheet
933Kb / 12P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15SKW01 NKK-LB15SKW01 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
LB15SKW01-A NKK-LB15SKW01-A Datasheet
359Kb / 9P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15WKW01-BJ NKK-LB15WKW01-BJ Datasheet
237Kb / 6P
   Standard Size Panel Seal Pushbuttons
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
MB2411A2W13 NKK-MB2411A2W13 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2411E1W01 NKK-MB2411E1W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
SCB15P15A-1A NKK-SCB15P15A-1A Datasheet
189Kb / 3P
   Snap Switch Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com