Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4898X Fiches technique(PDF) 2 Page - Seme LAB

No de pièce 2N4898X
Description  PNP EPITAXIAL BASE MEDIUM POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4898X Fiches technique(HTML) 2 Page - Seme LAB

  2N4898X Datasheet HTML 1Page - Seme LAB 2N4898X Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N4898X
2N4899X
2N4900X
Prelim. 9/96
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max. Units
VCE = –30V
IB =0
VCE =V(BR)CEO
VBE = –1.5V
TC = 150°C
VCB =V(BR)CBO
IE =0
VCE =V(BR)CEO
VBE =0
IC = –1A
IB = –0.1A
IC = –1A
IB = –0.1A
IC = –1A
VCE = –1V
VCE = –1V
IC = –50mA
VCE = –1V
IC = –500mA
VCE = –1V
IC = –1A
VCE = –10V
IC = –250mA
f=1MHz
ICEO
Collector – Emitter Cut-off Current
ICEX
Collector – Emitter Cut-off Current
ICBO
Collector – Base Cut-off Current
ICES
Collector – Emitter Leakage
Current
VCE(sat)*
Collector – Emitter Saturation
Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
VBE*
Base – Emitter Voltage
hFE*
DC Current Gain
ft
Transition Frequency
0.50
100
1.0
0.1
100
–0.60
–1.3V
–1.3V
40
20
130
10
3.0
mA
µA
mA
mA
µA
V
V
V
MHz
Electrical Characteristics (TC = 25°C unless otherwise stated.)
* Pulse Test: tp = 300µs, δ = 2%.


Numéro de pièce similaire - 2N4898X

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
2N4898 MOSPEC-2N4898 Datasheet
180Kb / 4P
   POWER TRANSISTORS(1A, 25W)
logo
Central Semiconductor C...
2N4898 CENTRAL-2N4898 Datasheet
51Kb / 1P
   Power Transistors
logo
List of Unclassifed Man...
2N4898 ETC-2N4898 Datasheet
347Kb / 8P
   Power Transistors
logo
Savantic, Inc.
2N4898 SAVANTIC-2N4898 Datasheet
116Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
More results

Description similaire - 2N4898X

FabricantNo de pièceFiches techniqueDescription
logo
SHIKUES Electronics
2SB1132 SKTECHNOLGY-2SB1132 Datasheet
556Kb / 3P
   PNP SILICON EPITAXIAL MEDIUM POWER TRANSISTOR
logo
Cystech Electonics Corp...
BCP69L3 CYSTEKEC-BCP69L3 Datasheet
172Kb / 4P
   Medium Power PNP Epitaxial Planar Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT2907W SEMTECH_ELEC-MMBT2907W Datasheet
300Kb / 5P
   PNP Silicon Epitaxial Planar Medium Power Transistor
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Comset Semiconductor
BDX18 COMSET-BDX18 Datasheet
155Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX18 COMSET-BDX18_12 Datasheet
79Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Seme LAB
BDX14AA SEME-LAB-BDX14AA Datasheet
15Kb / 2P
   PNP SILICON TRANSISTOR, EPITAXIAL BASE
logo
Leshan Radio Company
L2SA1036KQLT1G LRC-L2SA1036KQLT1G Datasheet
168Kb / 4P
   Medium Power Transistor Epitaxial planar type PNP silicon transistor
logo
Wing Shing Computer Com...
TIP42 WINGS-TIP42 Datasheet
22Kb / 2P
   PNP EPITAXIAL SILICON TRANSISTOR(MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Aug 04
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com