Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC16T245 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AVC16T245
Description  16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC16T245 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AVC16T245 Datasheet HTML 7Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 8Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 9Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 10Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 11Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 12Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 13Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 14Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
74AVC16T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 June 2011
11 of 28
NXP Semiconductors
74AVC16T245
16-bit dual supply translating transceiver; 3-state
10. Dynamic characteristics
[1]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of the outputs.
[2]
fi = 10 MHz; VI =GND to VCC; tr = tf = 1 ns; CL = 0 pF; RL =  .
Table 9.
Typical power dissipation capacitance at VCC(A) = VCC(B) and Tamb = 25 C [1][2]
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
VCC(A) = VCC(B)
Unit
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
CPD
power dissipation
capacitance
A port: (direction nAn to
nBn); output enabled
0.2
0.2
0.2
0.2
0.3
0.4
pF
A port: (direction nAn to
nBn); output disabled
0.2
0.2
0.2
0.2
0.3
0.4
pF
A port: (direction nBn to
nAn); output enabled
9
9.7
9.8
10.3
11.7
13.7
pF
A port: (direction nBn to
nAn); output disabled
0.6
0.6
0.6
0.7
0.7
0.7
pF
B port: (direction nAn to
nBn); output enabled
9
9.7
9.8
10.3
11.7
13.7
pF
B port: (direction nAn to
nBn); output disabled
0.6
0.6
0.6
0.7
0.7
0.7
pF
B port: (direction nBn to
nAn); output enabled
0.2
0.2
0.2
0.2
0.3
0.4
pF
B port: (direction nBn to
nAn); output disabled
0.2
0.2
0.2
0.2
0.3
0.4
pF


Numéro de pièce similaire - 74AVC16T245

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC16T245 NEXPERIA-74AVC16T245 Datasheet
311Kb / 22P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 14 January 2019
74AVC16T245-Q100 NEXPERIA-74AVC16T245-Q100 Datasheet
296Kb / 20P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245DGG NEXPERIA-74AVC16T245DGG Datasheet
311Kb / 22P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 14 January 2019
logo
Texas Instruments
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
467Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - 74AVC16T245

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245-Q100 NEXPERIA-74AVC16T245-Q100 Datasheet
296Kb / 20P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245 NEXPERIA-74AVC16T245 Datasheet
311Kb / 22P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 14 January 2019
logo
NXP Semiconductors
74AVC16T245 PHILIPS-74AVC16T245_15 Datasheet
345Kb / 28P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 6-9 September 2013
74AVCH16T245 PHILIPS-74AVCH16T245_15 Datasheet
379Kb / 29P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-1 March 2012
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com