Moteur de recherche de fiches techniques de composants électroniques |
|
MCZ33905BS3EK Fiches technique(PDF) 1 Page - Freescale Semiconductor, Inc |
|
MCZ33905BS3EK Fiches technique(HTML) 1 Page - Freescale Semiconductor, Inc |
1 / 104 page 33903/ 33903/4/5 EK Suffix (Pb-Free) 98ASA10556D 32-PIN SOIC EK Suffix (Pb-Free) 98ASA10506D 54-PIN SOIC ORDERING INFORMATION See Table of Contents 2 SYSTEM BASIS CHIP Freescale Semiconductor, Inc. reserves the right to change the detail specifications, as may be required, to permit improvements in the design of its products. Document Number: MC33903_4_5 Rev. 6.0, 4/2011 Freescale Semiconductor Technical Data © Freescale Semiconductor, Inc., 2010 - 2011. All rights reserved. SBC Gen2 with CAN High Speed and LIN Interface The 33903/4/5 is the second generation family of the System Basis Chip (SBC). It combines several features and enhances present module designs. The device works as an advanced power management unit for the MCU with additional integrated circuits such as sensors, and CAN transceivers. It has a built-in enhanced high speed CAN interface (ISO11898-2 and -5) with local and bus failure diagnostics, protection, and Fail Safe Operation Modes. The SBC may include zero, one or two LIN 2.1 interfaces with LIN output pin switches. It includes up to four Wake-Up input pins that can also be configured as output drivers for flexibility. This device implements multiple Low Power (LP) Modes, with very low-current consumption. In addition, the device is part of a family concept where pin compatibility adds versatility to module design. The 33903/4/5 also implements an innovative and advanced fail-safe state machine and concept solution. Features • Voltage regulator for MCU, 5.0 or 3.3 V, part number selectable, with possibility of usage external PNP to extend current capability and share power dissipation • Voltage, current, and temperature protection • Extremely low quiescent current in (LP) Modes • Fully-protected embedded 5.0 V regulator for the CAN driver • Multiple under-voltage detections to address various MCU specifications and system operation modes (i.e. cranking) • Auxiliary 5.0 or 3.3 V SPI configurable regulator, for additional ICs, with over-current detection and under-voltage protection • MUX (except 33903) output pin for device internal analog signal monitoring and power supply monitoring • Advanced SPI, MCU, ECU power supply, and critical pins diagnostics and monitoring. • Multiple Wake-Up sources in (LP) Modes: CAN or LIN bus, I/O transition, automatic timer, SPI message, and VDD over-current detection. • ISO11898-5 high speed CAN interface compatibility for baud rates of 40 kb/s to 1.0 Mb/s |
Numéro de pièce similaire - MCZ33905BS3EK |
|
Description similaire - MCZ33905BS3EK |