Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2N3209DCSM Fiches technique(PDF) 2 Page - Seme LAB

No de pièce 2N3209DCSM
Description  DUAL HIGH SPEED, MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3209DCSM Fiches technique(HTML) 2 Page - Seme LAB

  2N3209DCSM Datasheet HTML 1Page - Seme LAB 2N3209DCSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Prelim. 2/00
LAB
SEME
2N3209DCSM
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ton
Turn-on Time
toff
Turn-off Time
VCC = 2V
IC = 30mA
IB1 = 1.5mA
VCC = 2V
IC = 30mA
IB1 = IB2 = 1.5mA
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
IC = 10mA
IC = 10mA
IE = 10mAIC = 0
VCE = 10V
VBE = 0
VCE = 10V
VBE = 0
TC = 125°C
IC = 10mA
IB = 1mA
IC = 30mA
IB = 3mA
IC = 100mA
IB = 10mA
IC = 10mA
IB = 1mA
IC = 30mA
IB = 3mA
IC = 100mA
IB = 10mA
IC = 10mA
VCE = 0.3V
IC = 30mA
VCE = 0.5V
IC = 100mA
VCE = 1V
IC = 30mA
VCE = 0.5V
VCEO(sus)* Collector – Emitter Sustaining Voltage
V(BR)CBO*
Collector – Base Breakdown Voltage
V(BR)EBO*
Emitter – Base Breakdown Voltage
ICES*
Collector Cut-off Current
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
Tamb = –55°C
-20
-20
-4
80
10
0.15
0.20
0.60
0.78
0.98
0.85
1.2
1.7
25
30
120
15
12
V
V
V
nA
mA
V
V
fT
Transition Frequency
CEBO
Capacitance
CCBO
Input Capacitance
IC = 30mA
VCE = 10V
f = 100MHz
VEB = 0.5V
IC = 0
f = 1.0MHz
VCB = 5V
IE = 0
f = 1.0MHz
400
6.0
5.0
MHz
pF
pF
60
90
ns
ns
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
* Pulse test tp = 300ms , d £ 2%
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2N2894DCSM DUAL HIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE 1  2  Seme LAB
2N2894CSM HIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2894ACSM HIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2907ADCSM DUAL HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N930CSM HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2484CSM HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2907ACSM HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2222ADCSM DUAL HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2369ADCSM DUAL HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE 1  2  Seme LAB
MCA104 MULTI-CHIP ARRAY TWO NPN AND TWO PNP HIGH SPEED MEDIUM POWER SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE 1  2  3  Seme LAB

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn