Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2N3209DCSM Fiches technique(PDF) 1 Page - Seme LAB

No de pièce 2N3209DCSM
Description  DUAL HIGH SPEED, MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3209DCSM Fiches technique(HTML) 1 Page - Seme LAB

  2N3209DCSM Datasheet HTML 1Page - Seme LAB 2N3209DCSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Prelim. 2/00
LAB
SEME
2N3209DCSM
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
DUAL HIGH SPEED, MEDIUM POWER
PNP GENERAL PURPOSE TRANSISTOR
IN A HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FEATURES
• SILICON PLANAR EPITAXIAL DUAL PNP
TRANSISTOR
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE
• CECC SCREENING OPTIONS AVAILABLE
• SPACE QUALITY LEVELS OPTIONS
• HIGH SPEED SATURATED SWITCHING
APPLICATIONS:
For high reliablitity general purpose
applications requiring small size and low
weight devices.
VCBO
Collector Base Voltage
VCEO
Collector Emitter Voltage
VEBO
Emitter Base Voltage
IC
Collector Current
PD
Device Dissipation
PD
Derate above 50°C
Rja
Thermal Resistance Junction to Ambient
Tj
Max Junction Temperature
Tstg
Storage Temperature
–20V
–20V
–4V
–200mA
300mW
2mW / °C
420°C / W
500mW
3.3mW / °C
250°C / W
MECHANICAL DATA
Dimensions in mm (inches)
LCC2 PACKAGE
Underside View
ABSOLUTE MAXIMUM RATINGS(T
case = 25°C unless otherwise stated)
A
2
1
3
4
5
6
6.22 ± 0.13
(0.245 ± 0.005)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
1.27 ± 0.13
(0.05 ± 0.005)
1.40 ± 0.15
(0.055 ± 0.006)
0.23
(0.009)
rad.
A =
PAD 1 - Collector 1
PAD 2 - Base 1
PAD 3 - Base 2
PAD 4 - Collector 2
PAD 5 - Emitter 2
PAD 6 - Emitter 1
200°C
–65 to 200°C
PER SIDE
TOTAL


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2N2894DCSM DUAL HIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE 1  2  Seme LAB
2N2894CSM HIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2894ACSM HIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2907ADCSM DUAL HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N930CSM HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2484CSM HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2907ACSM HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2222ADCSM DUAL HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1  2  Seme LAB
2N2369ADCSM DUAL HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE 1  2  Seme LAB
MCA104 MULTI-CHIP ARRAY TWO NPN AND TWO PNP HIGH SPEED MEDIUM POWER SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE 1  2  3  Seme LAB

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn