Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5019_TO-92 Fiches technique(PDF) 1 Page - Micross Components

No de pièce 2N5019_TO-92
Description  a single P-Channel JFET switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSS [Micross Components]
Site Internet  http://www.micross.com
Logo MICROSS - Micross Components

2N5019_TO-92 Fiches technique(HTML) 1 Page - Micross Components

  2N5019_TO-92 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility
is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication
or otherwise under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX 2N5019 
ZERO OFFSET VOLTAGE 
LOW ON RESISTANCE 
rDS(on) ≤ 150Ω 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐55°C to +200°C 
Operating Junction Temperature ‐55°C to +200°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
500mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
IG = ‐50mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage 
VGDS = 30V 
Gate to Source Voltage 
VGSS = 30V 
  
2N5019 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage 
30 
‐‐ 
‐‐ 
 
I= 1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage 
‐‐ 
‐‐ 
VDS = ‐15V, ID = ‐1µA 
VDS(on) 
Drain to Source On Voltage 
‐‐ 
‐‐ 
‐0.5 
VGS = 0V, ID = ‐3mA 
IDSS 
Drain to Source Saturation Current (Note 2) ‐5 
‐‐ 
‐‐ 
mA 
VDS = ‐20V, VGS = 0V 
IGSS 
Gate Reverse Current 
‐‐ 
‐‐ 
nA 
VGS = 15V,  VDS = 0V 
ID(off) 
Drain Cutoff Current 
‐‐ 
‐‐ 
‐10 
VDS = ‐15V, VGS = 12V 
‐‐ 
‐‐ 
‐10 
µA 
VDS = ‐15V, VGS = 7V 
IDGO 
Drain Reverse Current 
‐‐ 
‐‐ 
‐2 
nA 
VDG = ‐15V, IS = 0A 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
150 Ω 
ID = ‐1mA,   VGS = 0V 
2N5019 DYNAMIC ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
150 Ω 
I= 0A,   VGS = 0V,   f = 1kHz 
Ciss 
Input Capacitance 
‐‐ 
‐‐ 
45 
pF 
VDS = ‐15V, VGS = 0V, f = 1MHz 
Crss 
Reverse Transfer Capacitance 
‐‐ 
‐‐ 
10 
VDS = 0V, VGS = 7V, f = 1MHz 
2N5019 SWITCHING CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC  
UNITS 
CONDITIONS 
td(on) 
Turn On Time 
15  
 
ns 
VGS(L) = 7V 
VGS(H) = 0V 
 
See Switching Circuit 
tr 
Turn On Rise Time 
75 
td(off) 
Turn Off Time 
25 
tf 
Turn Off Fall Time 
100 
                                                                                                                 
                                                                                                                                                                                                              SWITCHING TEST CIRCUIT
2N5019 SWITCHING CIRCUIT PARAMETERS                                                                                                                          
VDD ‐6V  
VGG 
8V  
RL 
1.8kΩ 
 
RG 
390Ω 
 
ID(on) ‐3mA  
  
 
  
 
  
 
  
 
  
 
The 2N5019 is a single P-Channel JFET switch
2N5019
P-CHANNEL JFET
Linear Systems replaces discontinued Siliconix 2N5019
This p-channel analog switch is designed to provide low
on-resistance and fast switching.
The TO-92 provides a low cost option and ease of
manufacturing.
(See Packaging Information).
2N5019 Applications:
Analog Switches
Commutators
Choppers
2N5019 Benefits:
Low Insertion Loss
No offset or error voltage generated by closed
switch
Purely resistive
Micross Components Europe
Available Packages:
2N5019 in TO-92
2N5019 in bare die.
Please contact Micross for full
package and die dimensions
Note 1 ‐  Absolute maximum ratings are limiting values above which 2N5019 serviceability may be impaired.
Note 2 – Pulse test: PW≤ 300 µs, Duty Cycle ≤ 3%
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
TO-92 (Bottom View)


Numéro de pièce similaire - 2N5019_TO-92

FabricantNo de pièceFiches techniqueDescription
logo
Micross Components
2N5019_TO-18 MICROSS-2N5019_TO-18 Datasheet
304Kb / 1P
   a single P-Channel JFET switch
More results

Description similaire - 2N5019_TO-92

FabricantNo de pièceFiches techniqueDescription
logo
Micross Components
PN5019_TO-92 MICROSS-PN5019_TO-92 Datasheet
302Kb / 1P
   a single P-Channel JFET switch
2N5018_TO-92 MICROSS-2N5018_TO-92 Datasheet
302Kb / 1P
   a single P-Channel JFET switch
J177_TO-92 MICROSS-J177_TO-92 Datasheet
304Kb / 1P
   a single P-Channel JFET switch
SST174_SOT-23 MICROSS-SST174_SOT-23 Datasheet
302Kb / 1P
   a single P-Channel JFET switch
SST177_SOT-23 MICROSS-SST177_SOT-23 Datasheet
301Kb / 1P
   a single P-Channel JFET switch
2N5019_TO-18 MICROSS-2N5019_TO-18 Datasheet
304Kb / 1P
   a single P-Channel JFET switch
PN5018_TO-92 MICROSS-PN5018_TO-92 Datasheet
302Kb / 1P
   a single P-Channel JFET switch
2N5018 MICROSS-2N5018 Datasheet
304Kb / 1P
   a single P-Channel JFET switch
2N5018_TO-18 MICROSS-2N5018_TO-18 Datasheet
304Kb / 1P
   a single P-Channel JFET switch
J176_TO-92 MICROSS-J176_TO-92 Datasheet
305Kb / 1P
   a single P-Channel JFET switch
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com