Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK4231 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce STK4231
Description  AF Power Amplifier(Split Power Supply)(100W100W min, THD=0.08%)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4231 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  STK4231 Datasheet HTML 1Page - Sanyo Semicon Device STK4231 Datasheet HTML 2Page - Sanyo Semicon Device STK4231 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STK4231V
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
61197HA (ID) / 70695HA (ID) / 72994TH (OD) No. 4590—1/3
Ordering number: EN 4590B
Thick Film Hybrid IC
AF Power Amplifier (Split Power Supply)
(100W+100W min, THD = 0.08%)
Features
• Muting circuit built-in to isolate all types of shock noise
• Current mirror circuit for low 0.08% total harmonic dis-
tortion
• Pin compatible with the STK4201II series (THD =
0.4%) and the STK4141X series (THD = 0.02%)
Package Dimensions
unit: mm
4086A
[STK4231V]
Specifications
Maximum Ratings at Ta = 25
°C
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
±75
V
Thermal resistance
θj-c
1.2
°C/W
Junction temperature
Tj
150
°C
Operating substrate temperature
Tc
125
°C
Storage temperature
Tstg
−30 to +125
°C
Available time for load short-circuit1
ts
VCC = ±51V, RL = 8Ω,
f = 50Hz, PO = 100W
1s
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
±51
V
Load resistance
RL
8


Numéro de pièce similaire - STK4231

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK4231 SANYO-STK4231 Datasheet
319Kb / 7P
   2-Channel 100W min AF Power Amp(Dual Supplies), Thick Film Hybrid IC
STK4231II SANYO-STK4231II Datasheet
319Kb / 7P
   2-Channel 100W min AF Power Amp(Dual Supplies), Thick Film Hybrid IC
logo
List of Unclassifed Man...
STK4231II ETC1-STK4231II Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
STK4231V ETC1-STK4231V Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

Description similaire - STK4231

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK401-330 SANYO-STK401-330 Datasheet
172Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 100W 100 W, THD = 0.08%??????????
STK4030V SANYO-STK4030V Datasheet
374Kb / 5P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.08%)???
STK4151V SANYO-STK4151V Datasheet
379Kb / 5P
   AF Power Amplifier (Split Power Supply) (30W 30W min, THD = 0.08%)
STK4201V SANYO-STK4201V Datasheet
147Kb / 3P
   AF Power Amplifier (Split Power Supply) (60W 60W min, THD = 0.08%)
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
STK4036V SANYO-STK4036V Datasheet
266Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.08%)?
STK4046V SANYO-STK4046V Datasheet
50Kb / 3P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.08%)
STK4050V SANYO-STK4050V Datasheet
51Kb / 3P
   AF Power Amplifier (Split Power Supply) (200 W min, THD = 0.08%)
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
STK4181V SANYO-STK4181V Datasheet
248Kb / 8P
   AF Power Amplifier (Split Power Supply) (45W 45W min, THD = 0.08%)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com