Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCW61D Fiches technique(PDF) 5 Page - Infineon Technologies AG

No de pièce BCW61D
Description  PNP Silicon AF Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW61D Fiches technique(HTML) 5 Page - Infineon Technologies AG

  BCW61D Datasheet HTML 1Page - Infineon Technologies AG BCW61D Datasheet HTML 2Page - Infineon Technologies AG BCW61D Datasheet HTML 3Page - Infineon Technologies AG BCW61D Datasheet HTML 4Page - Infineon Technologies AG BCW61D Datasheet HTML 5Page - Infineon Technologies AG BCW61D Datasheet HTML 6Page - Infineon Technologies AG BCW61D Datasheet HTML 7Page - Infineon Technologies AG BCW61D Datasheet HTML 8Page - Infineon Technologies AG BCW61D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2007-10-18
5
BCW61..., BCX71...
AC Characteristics
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
fT
-
250
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
1.5
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
8
-
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. A/B
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. B/H
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. C/J
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. D/K
h11e
-
-
-
-
2.7
3.6
4.5
7.5
-
-
-
-
k
Open-circuit reverse voltage transf. ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. A/B
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. B/H
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. C/J
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. D/K
h12e
-
-
-
-
1.5
2
2
3
-
-
-
-
10-4
Short-circuit forward current transf. ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. A/B
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. B/H
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. C/J
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. D/K
h21e
-
-
-
-
200
260
330
520
-
-
-
-
-
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. A/B
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. B/H
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. C/J
IC = 2 mA, VCE = 5 V, f = 1 kHz, hFE-grp. D/K
h22e
-
-
-
-
18
24
30
50
-
-
-
-
µS
Noise figure
IC = 200 µA, VCE = 5 V, f = 1 kHz,
∆ f = 200 Hz, RS = 2 kΩ, hFE-grp. A/K
F
-
2
-
dB


Numéro de pièce similaire - BCW61D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCW61D PHILIPS-BCW61D Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 12
BCW61D NXP-BCW61D Datasheet
127Kb / 6P
   PNP general purpose transistors
1999 Apr 12
logo
Samsung semiconductor
BCW61D SAMSUNG-BCW61D Datasheet
33Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Allied Components Inter...
BCW61D ALLIED-BCW61D Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Siemens Semiconductor G...
BCW61D SIEMENS-BCW61D Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Description similaire - BCW61D

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com