Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK4121V Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce STK4121V
Description  AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.08 %)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4121V Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  STK4121V Datasheet HTML 1Page - Sanyo Semicon Device STK4121V Datasheet HTML 2Page - Sanyo Semicon Device STK4121V Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STK4121V
No. 4477-2/3
Operating Characteristics
at Ta = 25°C, VCC = ±21.5 V, RL = 8 Ω, Rg = 600 Ω, VG = 40 dB, RL: non-inductive load
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
VCC = ±26 V
20
40
100
mA
Output power
PO (1)
THD = 0.08%, f = 20 Hz to 20 kHz
15
W
PO (2)
VCC = ±18 V, THD = 0.2%, RL = 4 Ω, f = 1 kHz
15
W
Total harmonic distortion
THD
PO = 1.0 W, f = 1 kHz
0.08
%
+0
Frequency response
fL, fH
PO = 1.0 W,
dB
20 to 50 k
Hz
–3
Input impedance
ri
PO = 1.0 W, f = 1 kHz
55
k
Output noise voltage
VNO
VCC = ±26 V, Rg = 10 kΩ
1.2
mVrms
Neutral voltage
VN
VCC = ±26 V
–70
0
+70
mV
Muting voltage
VM
–2
–5
–10
V
Notes
• Use a constant voltage power supply for the test power supply unless otherwise noted.
• Use the transformer power supply shown in the figure above when measuring the available time for load short circuit and the output noise voltage.
• The output noise voltage is the peak value measured with an averaging rms scale volt meter (VTVM). A 50 Hz AC stabilized power supply should be used
to eliminate the effects of AC primary line flicker noise when an AC power supply is used.
Equivalent Circuit
Unit ( resistance:
Ω, capacitance:F)


Numéro de pièce similaire - STK4121V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK4121V SANYO-STK4121V Datasheet
119Kb / 1P
   2-CHANNEL 6W MIN TO 50W MIN AF POWER AMP (DUAL-SUPPLY)
More results

Description similaire - STK4121V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK401-220 SANYO-STK401-220 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK401-020 SANYO-STK401-020 Datasheet
464Kb / 9P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.4%)
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
STK4036V SANYO-STK4036V Datasheet
266Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.08%)?
STK400-020 SANYO-STK400-020 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK4046V SANYO-STK4046V Datasheet
50Kb / 3P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.08%)
STK4050V SANYO-STK4050V Datasheet
51Kb / 3P
   AF Power Amplifier (Split Power Supply) (200 W min, THD = 0.08%)
STK4026V SANYO-STK4026V Datasheet
257Kb / 9P
   AF Power Amplifier (Split Power Supply) (25 W min, THD = 0.08%)???
STK4028V SANYO-STK4028V Datasheet
255Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W min, THD = 0.08%)?
STK4024V SANYO-STK4024V Datasheet
328Kb / 5P
   AF Power Amplifier (Split Power Supply) (20 W min, THD = 0.08%)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com