Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847BL3 Fiches technique(PDF) 8 Page - Infineon Technologies AG

No de pièce BC847BL3
Description  NPN Silicon AF Transistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC847BL3 Fiches technique(HTML) 8 Page - Infineon Technologies AG

Back Button BC847BL3 Datasheet HTML 4Page - Infineon Technologies AG BC847BL3 Datasheet HTML 5Page - Infineon Technologies AG BC847BL3 Datasheet HTML 6Page - Infineon Technologies AG BC847BL3 Datasheet HTML 7Page - Infineon Technologies AG BC847BL3 Datasheet HTML 8Page - Infineon Technologies AG BC847BL3 Datasheet HTML 9Page - Infineon Technologies AG BC847BL3 Datasheet HTML 10Page - Infineon Technologies AG BC847BL3 Datasheet HTML 11Page - Infineon Technologies AG BC847BL3 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2007-04-20
8
BC846...-BC850...
Transition frequency fT = ƒ(IC)
VCE = 5 V
10
10
10
10
EHP00363
f
mA
MHz
-1
0
1
2
5
T
3
10
10 2
1
10
5
5
5
Ι
C
Collector-base capacitance Ccb = ƒ(VCB)
Emitter-base capacitance Ceb = ƒ(VEB)
0
4
8
12
16
V
22
VCB/VEB
0
1
2
3
4
5
6
7
8
9
10
11
pF
13
CCB
CEB
Total power dissipation Ptot = ƒ(TS)
BC846-BC850
0
15
30
45
60
75
90
105 120 °C 150
TS
0
30
60
90
120
150
180
210
240
270
300
mW
360
Total power dissipation Ptot = ƒ(TS)
BC847BF-BC850BF
0
15
30
45
60
75
90
105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
225
250
mW
300


Numéro de pièce similaire - BC847BL3

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
BC847BL AITSEMI-BC847BL Datasheet
888Kb / 6P
   GENERAL PURPOSE TRANSISTORS NPN SILICON
REV2.0
logo
Diodes Incorporated
BC847BLD DIODES-BC847BLD Datasheet
100Kb / 5P
   SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
DS30824 Rev. 3 - 2
BC847BLD DIODES-BC847BLD Datasheet
198Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
BC847BLD-7 DIODES-BC847BLD-7 Datasheet
100Kb / 5P
   SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
DS30824 Rev. 3 - 2
BC847BLD-7 DIODES-BC847BLD-7 Datasheet
198Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
More results

Description similaire - BC847BL3

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com