Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK401-020 Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce STK401-020
Description  2ch AF Power Amplifier (Split Power Supply) 100W 100 W, THD = 0.08%??????????
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-020 Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  STK401-020 Datasheet HTML 1Page - Sanyo Semicon Device STK401-020 Datasheet HTML 2Page - Sanyo Semicon Device STK401-020 Datasheet HTML 3Page - Sanyo Semicon Device STK401-020 Datasheet HTML 4Page - Sanyo Semicon Device STK401-020 Datasheet HTML 5Page - Sanyo Semicon Device STK401-020 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image


Numéro de pièce similaire - STK401-020

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK401-020 SANYO-STK401-020 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK401-020 SANYO-STK401-020 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
STK401-020 SANYO-STK401-020 Datasheet
303Kb / 8P
   Two-Channel AF Power Amplifier (- Power Supply) 120 W 120 W Minimum, THD = 0.4%????
STK401-020 SANYO-STK401-020 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK401-020 SANYO-STK401-020 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
More results

Description similaire - STK401-020

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK401-250 SANYO-STK401-250 Datasheet
187Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 30W 30 W, THD = 0.08%???????
STK401-290 SANYO-STK401-290 Datasheet
188Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 50W 50 W, THD = 0.08%??????????
STK401-270 SANYO-STK401-270 Datasheet
188Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 40W 40 W, THD = 0.08%?????????
STK401-220 SANYO-STK401-220 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK4231V SANYO-STK4231V Datasheet
89Kb / 3P
   AF Power Amplifier(Split Power Supply)(100W100W min, THD=0.08%)
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
STK4036V SANYO-STK4036V Datasheet
266Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.08%)?
STK4046V SANYO-STK4046V Datasheet
50Kb / 3P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.08%)
STK4050V SANYO-STK4050V Datasheet
51Kb / 3P
   AF Power Amplifier (Split Power Supply) (200 W min, THD = 0.08%)
STK4026V SANYO-STK4026V Datasheet
257Kb / 9P
   AF Power Amplifier (Split Power Supply) (25 W min, THD = 0.08%)???
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com