Moteur de recherche de fiches techniques de composants électroniques |
|
TL431ACD Fiches technique(PDF) 10 Page - Fairchild Semiconductor |
|
TL431ACD Fiches technique(HTML) 10 Page - Fairchild Semiconductor |
10 / 10 page TL431/TL431A 2/22/11 0.0m 001 Stock#DS400301 © 2011 Fairchild Semiconductor Corporation LIFE SUPPORT POLICY FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. Ordering Information Product Number Output Voltage Tolerance Package Operating Temperature TL431ACLP 1% TO-92 -25 ~ + 85oC TL431ACD 8-SOP TL431CLP 2% TO-92 TL431CP 8-DIP TL431CD 8-SOP |
Numéro de pièce similaire - TL431ACD |
|
Description similaire - TL431ACD |