Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSB50325TD Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FSB50325TD
Description  Smart Power Module (SPM짰)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50325TD Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FSB50325TD Datasheet HTML 1Page - Fairchild Semiconductor FSB50325TD Datasheet HTML 2Page - Fairchild Semiconductor FSB50325TD Datasheet HTML 3Page - Fairchild Semiconductor FSB50325TD Datasheet HTML 4Page - Fairchild Semiconductor FSB50325TD Datasheet HTML 5Page - Fairchild Semiconductor FSB50325TD Datasheet HTML 6Page - Fairchild Semiconductor FSB50325TD Datasheet HTML 7Page - Fairchild Semiconductor FSB50325TD Datasheet HTML 8Page - Fairchild Semiconductor FSB50325TD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.fairchildsemi.com
FSB50325TD Rev. A
Pin Descriptions
Note:
Source terminal of each low-side MOSFET is not connected to supply ground or bias voltage ground inside SPM®. External connections should be made as indicated in Fig-
ure 2 and 5.
Figure 1. Pin Configuration and Internal Block Diagram (Bottom View)
Pin Number
Pin Name
Pin Description
1
COM
IC Common Supply Ground
2
VB(U)
Bias Voltage for U Phase High Side FRFET Driving
3
VCC(U)
Bias Voltage for U Phase IC and Low Side FRFET Driving
4
IN(UH)
Signal Input for U Phase High-side
5
IN(UL)
Signal Input for U Phase Low-side
6
NC
No Connection
7
VB(V)
Bias Voltage for V Phase High Side FRFET Driving
8
VCC(V)
Bias Voltage for V Phase IC and Low Side FRFET Driving
9
IN(VH)
Signal Input for V Phase High-side
10
IN(VL)
Signal Input for V Phase Low-side
11
NC
No Connection
12
VB(W)
Bias Voltage for W Phase High Side FRFET Driving
13
VCC(W)
Bias Voltage for W Phase IC and Low Side FRFET Driving
14
IN(WH)
Signal Input for W Phase High-side
15
IN(WL)
Signal Input for W Phase Low-side
16
NC
No Connection
17
P
Positive DC–Link Input
18
U, VS(U)
Output for U Phase & Bias Voltage Ground for High Side FRFET Driving
19
NU
Negative DC–Link Input for U Phase
20
NV
Negative DC–Link Input for V Phase
21
V, VS(V)
Output for V Phase & Bias Voltage Ground for High Side FRFET Driving
22
NW
Negative DC–Link Input for W Phase
23
W, VS(W)
Output for W Phase & Bias Voltage Ground for High Side FRFET Driving
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
(1) COM
(2) VB(U)
(3) VCC(U)
(4) IN(UH)
(5) IN(UL)
(6) NC
(7) VB(V)
(8) VCC(V)
(9) IN(VH)
(10) IN(VL)
(11) NC
(12) VB(W)
(13) VCC(W)
(14) IN(WH)
(15) IN(WL)
(16) NC
(17) P
(18) U,Vs(u)
(19) NU
(20) NV
(21) V,Vs(v)
(22) NW
(23) W,Vs(w)


Numéro de pièce similaire - FSB50325TD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB50325T FAIRCHILD-FSB50325T Datasheet
155Kb / 8P
   Smart Power Module (SPM)
FSB50325T FAIRCHILD-FSB50325T Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
More results

Description similaire - FSB50325TD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450A FAIRCHILD-FSB50450A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com