Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8035C1 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce TDA8035C1
Description  Smart card interface externally by a resistor bridge
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8035C1 Fiches technique(HTML) 3 Page - NXP Semiconductors

  TDA8035C1 Datasheet HTML 1Page - NXP Semiconductors TDA8035C1 Datasheet HTML 2Page - NXP Semiconductors TDA8035C1 Datasheet HTML 3Page - NXP Semiconductors TDA8035C1 Datasheet HTML 4Page - NXP Semiconductors TDA8035C1 Datasheet HTML 5Page - NXP Semiconductors TDA8035C1 Datasheet HTML 6Page - NXP Semiconductors TDA8035C1 Datasheet HTML 7Page - NXP Semiconductors TDA8035C1 Datasheet HTML 8Page - NXP Semiconductors TDA8035C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TDA8035HN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1.0 — 19 April 2011
3 of 32
NXP Semiconductors
TDA8035HN
Smart card interface
5.
Ordering information
VCC
supply voltage
5 V card; DC ICC < 65 mA
4.75
5.0
5.25
V
5 V card; AC current spikes
of 40 nAs
4.65
5.0
5.25
V
3 V card; DC ICC < 65 mA
2.85
-
3.15
V
3 V card; AC current spikes
of 40 nAs
2.76
-
3.24
V
1.8 V card; DC ICC < 35 mA
1.71
-
1.89
V
1.8 V card; AC current
spikes of 15 nAs
1.66
-
1.94
V
Vripple(p-p)
peak-to-peak ripple voltage
from 20 kHz to 200 MHz
-
-
300
mV
ICC
supply current
VCC = 5 V or 3 V
-
-
65
mA
VCC = 1.8 V
-
-
35
mA
General
tdeact
deactivation time
total sequence
35
90
250
μs
Ptot
total power dissipation
Tamb = −40 °Cto +85 °C-
-
0.45
W
Tamb
ambient temperature
-25
-
+85
°C
Table 1.
Quick reference data …continued
VDDP = 3.3 V; VDD(INTF) = 3.3 V; fXtal = 10 MHz; GND = 0 V; Tamb = 25 °C; unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA8035HN/C1
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85
SOT617-7


Numéro de pièce similaire - TDA8035C1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8030 PHILIPS-TDA8030 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8030HL PHILIPS-TDA8030HL Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8031 PHILIPS-TDA8031 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8031HL PHILIPS-TDA8031HL Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8034AT NXP-TDA8034AT Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
More results

Description similaire - TDA8035C1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com