Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1213S Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce ADC1213S
Description  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213S Fiches technique(HTML) 1 Page - NXP Semiconductors

  ADC1213S Datasheet HTML 1Page - NXP Semiconductors ADC1213S Datasheet HTML 2Page - NXP Semiconductors ADC1213S Datasheet HTML 3Page - NXP Semiconductors ADC1213S Datasheet HTML 4Page - NXP Semiconductors ADC1213S Datasheet HTML 5Page - NXP Semiconductors ADC1213S Datasheet HTML 6Page - NXP Semiconductors ADC1213S Datasheet HTML 7Page - NXP Semiconductors ADC1213S Datasheet HTML 8Page - NXP Semiconductors ADC1213S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1.
General description
The ADC1213S is a single channel 12-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performance and low power at sample rates up to 125 Msps. Pipelined
architecture and output error correction ensure the ADC1213S is accurate enough to
guarantee zero missing codes over the entire operating range. Supplied from a 3 V source
for analog and a 1.8 V source for the output driver, it outputs data in serial mode via a
single differential lane, which complies with the JESD204A standard. The integration of
Serial Peripheral Interface (SPI) allows the user to easily configure the ADCs and the
serial output modes. The device also includes a programmable full-scale SPI to allow a
flexible input voltage range from 1 V (p-p) to 2 V (p-p).
Excellent dynamic performance is maintained from the baseband to input frequencies of
170 MHz or more, making the ADC1213S ideal for use in communications, imaging, and
medical applications.
2.
Features and benefits
3.
Applications
ADC1213S series
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;
serial JESD204A interface
Rev. 1 — 14 March 2011
Product data sheet
SNR, 70 dBFS; SFDR, 86 dBc
Input bandwidth, 600 MHz
Sample rates up to 125 Msps
Power dissipation, 550 mW at 80 Msps
Single channel, 12-bit pipelined ADC
core
SPI register programming
3 V, 1.8 V power supplies
Duty cycle stabilizer
Flexible input voltage range: 1 V (p-p)
to2V(p-p)
High Intermediate Frequency (IF)
capability
Serial output
Offset binary, two’s complement, gray
code
Compliant with JESD204A serial
transmission standard
Power-down mode and Sleep mode
Pin compatible with ADC1613S series,
ADC1413S series, and ADC1113S125
HVQFN32 package
Wireless and wired broadband
communications
Portable instrumentation
Spectral analysis
Imaging systems
Ultrasound equipment


Numéro de pièce similaire - ADC1213S

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1213S RENESAS-ADC1213S Datasheet
711Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213S065C1 NXP-ADC1213S065C1 Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
ADC1213S065HN NXP-ADC1213S065HN Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
More results

Description similaire - ADC1213S

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S_1106 NXP-ADC1213S_1106 Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Renesas Technology Corp
ADC1213S RENESAS-ADC1213S Datasheet
711Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com