Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBL406 Fiches technique(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

No de pièce KBL406
Description  High current capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Site Internet  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

KBL406 Fiches technique(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  KBL406 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. KBL406 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER DIODE
0.4
06
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE, VOLTS
60 Hz, Resistive or inductive load.
Mounted on
3" X 3" X 0.11" THK
( 7.5cm X 7.5cm X 0.3cm )
Cu. plate.
3.0
2.0
1.0
4.0
100
10
1.0
150
0
200
0
100
50
0.1
10
80
0.01
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
Pulse Width = 300
µs
1 % Duty Cycle
8.3 ms SINGLE HALF SINE WAVE
JEDEC METHOD
TJ = 55
°C
TJ = 100
°C
TJ = 25
°C
125
175
75
25
Web Site: WWW.PS-PFS.COM
SILICON BRIDGE RECTIFIERS
KBL400 - KBL410
VOLTAGE RANGE
CURRENT
50 to 1000 Volts
Am
4.0 Amperes


Numéro de pièce similaire - KBL406

FabricantNo de pièceFiches techniqueDescription
logo
Galaxy Semi-Conductor H...
KBL406 BILIN-KBL406 Datasheet
137Kb / 3P
   Silicon Bridge Rectifiers
logo
Surge Components
KBL406 SURGE-KBL406 Datasheet
115Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBL406 TSC-KBL406 Datasheet
258Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Bytesonic Electronics C...
KBL406 BYTESONIC-KBL406 Datasheet
357Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
KBL406 FCI-KBL406 Datasheet
73Kb / 1P
   4.0 Amp SINGLE PHASE SILICON BRIDGE COMPACT SIZE
More results

Description similaire - KBL406

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
   High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
   High Current Capability
logo
DIYI Electronic Technol...
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
   High current capability
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
   High current capability
logo
Vishay Siliconix
VS-VSKT570-16PBF VISHAY-VS-VSKT570-16PBF Datasheet
235Kb / 8P
   High current capability
Revision: 05-Dec-16
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com